Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27531YZFR-G1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27531YZFR-G1
Description  Battery Management Unit Impedance Track Fuel Gauge
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27531YZFR-G1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27531YZFR-G1 Datasheet HTML 3Page - Texas Instruments BQ27531YZFR-G1 Datasheet HTML 4Page - Texas Instruments BQ27531YZFR-G1 Datasheet HTML 5Page - Texas Instruments BQ27531YZFR-G1 Datasheet HTML 6Page - Texas Instruments BQ27531YZFR-G1 Datasheet HTML 7Page - Texas Instruments BQ27531YZFR-G1 Datasheet HTML 8Page - Texas Instruments BQ27531YZFR-G1 Datasheet HTML 9Page - Texas Instruments BQ27531YZFR-G1 Datasheet HTML 10Page - Texas Instruments BQ27531YZFR-G1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
bq27531-G1
www.ti.com
SLUSBE7C – MARCH 2013 – REVISED JANUARY 2016
Product Folder Links: bq27531-G1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
If the clock frequency (fSCL) is > 100 kHz, use 1-byte write commands for proper operation. All other transactions types are supported at
400 kHz. (See I2C Interface and I2C Command Waiting Time).
7.13 I
2C-Compatible Interface Communication Timing Characteristics
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse duration (high)
600
ns
tw(L)
SCL pulse duration (low)
1.3
μs
tsu(STA)
Setup for repeated start
600
ns
td(STA)
Start to first falling edge of SCL
600
ns
tsu(DAT)
Data setup time
100
ns
th(DAT)
Data hold time
0
ns
tsu(STOP)
Setup time for stop
600
ns
t(BUF)
Bus free time between stop and start
66
μs
fSCL
Clock frequency (1)
400
kHz
Figure 1. I2C-Compatible Interface Timing Diagrams


Similar Part No. - BQ27531YZFR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27531YZFR-G1 TI-BQ27531YZFR-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
More results

Similar Description - BQ27531YZFR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27532-G1 TI1-BQ27532-G1 Datasheet
1Mb / 35P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com