Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ296103DSGT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ296103DSGT
Description  Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ296103DSGT Datasheet(HTML) 5 Page - Texas Instruments

  BQ296103DSGT Datasheet HTML 1Page - Texas Instruments BQ296103DSGT Datasheet HTML 2Page - Texas Instruments BQ296103DSGT Datasheet HTML 3Page - Texas Instruments BQ296103DSGT Datasheet HTML 4Page - Texas Instruments BQ296103DSGT Datasheet HTML 5Page - Texas Instruments BQ296103DSGT Datasheet HTML 6Page - Texas Instruments BQ296103DSGT Datasheet HTML 7Page - Texas Instruments BQ296103DSGT Datasheet HTML 8Page - Texas Instruments BQ296103DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
bq2961
www.ti.com
SLUSBU5A – MAY 2015 – REVISED JANUARY 2016
Product Folder Links: bq2961
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum–rated conditions for extended periods may affect device reliability.
8 Specifications
8.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
VDD – VSS
–0.3
30
V
Input voltage range
V4 – V3, V3 – V2, V2 – V1, V1 – VSS
–0.3
30
REG – VSS
–0.3
3.6
REG_EN – VSS
–0.3
28
Output voltage range
OUT – VSS
–0.3
30
Continuous total power dissipation, PTOT
See Thermal Information.
Lead temperature (soldering, 10 s), TSOLDER
300
300
°C
Storage temperature,Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
500
(1)
See Typical Application.
8.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
Supply voltage,
VDD
(1)
Supply voltage, VDD
(1), bq2960xy
3
15
V
Supply voltage, VDD
(1), bq2961xy
3
20
Supply voltage, VDD with REG output on
4
Input voltage
range
Vn - Vn-1 , V1 – VSS
0
5
V
REG_EN
0
15
V
Operating ambient temperature range, TA
–40
110
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
8.4 Thermal Information
THERMAL METRIC(1)
bq2960xy
UNIT
DSG (WSON)
8 PINS
RθJA
Junction-to-ambient thermal resistance
62
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
72
°C/W
RθJB
Junction-to-board thermal resistance
32.5
°C/W
ψJT
Junction-to-top characterization parameter
1.6
°C/W
ψJB
Junction-to-board characterization parameter
33
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
10
°C/W


Similar Part No. - BQ296103DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ296103DSGT TI1-BQ296103DSGT Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296103DSGT TI1-BQ296103DSGT Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296103DSGT TI1-BQ296103DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296103DSGT TI1-BQ296103DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296103DSGT TI1-BQ296103DSGT Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
More results

Similar Description - BQ296103DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com