Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-008714-00CA55 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-008714-00CA55
Description  AVAILABLE IN SURFACE MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-008714-00CA55 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM-008714-00CA55 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-008714-00CA55 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-008714-00CA55 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 500 MHz
Rev. V2
A5-5 / SMA5-5
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-650
5-500
5-500
Small Signal Gain (min)
dB
15.5
14.0
13.5
Gain Flatness (max)
dB
±0.1
±0.5
±0.7
Reverse Isolation
dB
21
Noise Figure (max)
dB
4.0
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
9.0
7.0
6.5
IP3
dBm
+21
IP2
dBm
+38
Second Order Harmonic IP
dBm
+42
VSWR Input / Output (max)
1.2:1 / 1.2:1
1.5:1 / 1.5:1
1.6:1 / 1.6:1
DC Current @ 15 Volts (max)
mA
24
27
29
Features
 AVAILABLE IN SURFACE MOUNT
 FLAT BANDWIDTH ± 1 Db (TYP.)
 LOW VSWR .1.2:1
 WIDE POWER SUPPLY RANGE: +8 to +15 VOLTS
 EXCELLENT PHASE LINEARITY ±.8O (TYP.)
Description
The A5-5 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screening
is available
.
Product Image
Ordering Information
Part Number
Package
A5-5
TO-8
MAAM-008714-0SMA55
Surface Mount
MAAM-008714-00CA55
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.173 W
Junction Temperature Rise
Above Case Tjc
+8ºC
* Over temperature performance limits for part number CA5-5, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - MAAM-008714-00CA55

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008714-00CA55 MA-COM-MAAM-008714-00CA55 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
More results

Similar Description - MAAM-008714-00CA55

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A55 MA-COM-A55_15 Datasheet
606Kb / 3P
   AVAILABLE IN SURFACE MOUNT
logo
E&E Magnetic Products L...
831-00181F EEMAGNETIC-831-00181F Datasheet
97Kb / 2P
   Available in vertical mount
831-00183F EEMAGNETIC-831-00183F Datasheet
97Kb / 2P
   Available in vertical mount
831-00177F EEMAGNETIC-831-00177F Datasheet
97Kb / 2P
   Available in vertical mount
logo
List of Unclassifed Man...
M28 ETC2-M28 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
M38 ETC2-M38 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450 Datasheet
1Mb / 11P
   Burn-in available
logo
Advanced Photonix, Inc.
PDI-C172SMF ADVANCEDPHOTONIX-PDI-C172SMF Datasheet
93Kb / 1P
   Photodiode in Plastic Surface Mount
PDV-C173SM ADVANCEDPHOTONIX-PDV-C173SM Datasheet
93Kb / 1P
   Photodiode in Plastic Surface Mount
logo
Luna Innovations Incorp...
PDB-C150SM LUNA-PDB-C150SM Datasheet
189Kb / 2P
   Photodiode in Plastic Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com