Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNC-0113TX Datasheet(PDF) 2 Page - Level One

Part # FNC-0113TX
Description  8-port 10/100Mbps Fast Etherent Switch w/ Internal Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FNC-0113TX Datasheet(HTML) 2 Page - Level One

  FNC-0113TX Datasheet HTML 1Page - Level One FNC-0113TX Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SohoCon_FSW-2218
one world_one brand_one level_
Technical Specification
Standards Compliance
IEEE 802.3 10Base-T Ethernet
IEEE 802.3u 100Base-TX Fast Ethernet
IEEE 802.3x Flow Control and Back Pressure
Ports
8 x 10/100 Mbps RJ-45 ports
Protocol
CSMA/CD
Switch Architecture
Store-and-Forward
MAC Address Table
1K MAC Address Table
Packet Buffer
768KBits
Transfer Rate
14,800 Packets per second for 10Mbps
148,800 Packets per second for 100Mbps
Back-Plane
1.6 Gbps
Flow Control
Half Duplex: backpressure
Full Duplex: pause frame
Network Cables
10Base-T: 2-pair UTP/STP Cat.3/4/5, Up to 100 m
100Base-TX: 2-pair UTP/STP Cat. 5, Up to 100 m
LEDs
Per Device: System Power
Per RJ-45 port: Link/Activity (Green)
Power Supply
Internal Power Supply, 100~240VAC, 50/60Hz
Power Consumption
7.5 Watts (max)
Temperature
Operating: 0゚C ~45゚C (32゚F ~ 113゚F)
Humidity
Operating: 10% ~ 90% (Non-condensing)
Dimension
165mm(L) * 100mm(W) * 32.5mm(H)
EMI
FCC Class A, CE
Safety
UL, cUL, CE/EN60950
Product Diagram
Ordering Information
FSW-2218: 8-port 10/100Mbps Fast Ethernet Switch w/ Internal Power Supply
For more information, please contact your LevelOne representative, or visit www.level1.com
All technical specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners


Similar Part No. - FNC-0113TX

ManufacturerPart #DatasheetDescription
logo
Level One
FNC-0115 LVL1-FNC-0115 Datasheet
448Kb / 3P
   Fast Ethernet Fiber PCIe Network Card
More results

Similar Description - FNC-0113TX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TE100-S16R ETC2-TE100-S16R Datasheet
465Kb / 2P
   16-Port 10/100Mbps Fast Ethernet Switch
logo
Advantech Co., Ltd.
EKI-3528-AE ADVANTECH-EKI-3528-AE Datasheet
901Kb / 2P
   8-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
List of Unclassifed Man...
TL-SF1008P ETC2-TL-SF1008P Datasheet
661Kb / 3P
   8-Port 10/100Mbps Desktop Switch with 4-Port PoE
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
logo
Zarlink Semiconductor I...
MDS212 ZARLINK-MDS212 Datasheet
1Mb / 111P
   12-Port 10/100Mbps Ethernet Switch
MDS213 ZARLINK-MDS213 Datasheet
1Mb / 120P
   12-Port 10/100Mbps 1Gbps Ethernet Switch
logo
List of Unclassifed Man...
IP1718LF ETC2-IP1718LF Datasheet
774Kb / 33P
   18-port 10/100Mbps Smart Switch Controller
logo
Advantech Co., Ltd.
EKI-3525-AE ADVANTECH-EKI-3525-AE Datasheet
901Kb / 2P
   5-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
List of Unclassifed Man...
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
TL-SF1016DS ETC2-TL-SF1016DS Datasheet
848Kb / 3P
   10/100Mbps Desktop/Rackmount Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com