Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APU1207 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APU1207
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APU1207 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APU1207 Datasheet HTML 1Page - Advanced Power Electronics Corp. APU1207 Datasheet HTML 2Page - Advanced Power Electronics Corp. APU1207 Datasheet HTML 3Page - Advanced Power Electronics Corp. APU1207 Datasheet HTML 4Page - Advanced Power Electronics Corp. APU1207 Datasheet HTML 5Page - Advanced Power Electronics Corp. APU1207 Datasheet HTML 6Page - Advanced Power Electronics Corp. APU1207 Datasheet HTML 7Page - Advanced Power Electronics Corp. APU1207 Datasheet HTML 8Page - Advanced Power Electronics Corp. APU1207 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
APU1206/APU1207/APU1208/APU1209
3
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
1
0V
Enable Input Voltage ................................................
1
0V
Storage Temperature Range ...................................... -65°C To 150°C
Junction Temperature
.................................................
125°C
PACKAGE INFORMATION
θJA=55°C/W
for 1" Sq pad
2-PIN PLASTIC TO-252 (
H)
3-PIN PLASTIC SOT-223 (
K)
APU1206
APU1206
θJA=70°C/W
for 0.5" Sq pad
θJA=90°C/W
for 0.4" Sq pad
8-PIN PLASTIC SOIC (
M)
APU1207
APU1208
APU1209
θJA=55°C/W
for 1" Sq pad
θJA=55°C/W
for 1" Sq pad
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over CIN=COUT=10
µF, VIN=Vo+1V, VOUT=VFB (For adjustable
version only), and TA=25°C. Typical values refer to TA=25°C. Low duty cycle pulse testing is used which keeps
junction and case temperatures equal to the ambient temperature.
VIN
VOUT
Tab is
Gnd
1
3
FRONT VIEW
VIN
Gnd
VOUT
Tab is
Gnd
3
1
2
TOP VIEW
Gnd
Flag
VOUT
VIN
Enable
Gnd
Gnd
Gnd
4
3
2
1
5
6
7
8
TOP VIEW
Gnd
Adj
VOUT
VIN
Flag
Gnd
Gnd
Gnd
4
3
2
1
5
6
7
8
TOP VIEW
Gnd
Adj
VOUT
VIN
Enable
Gnd
Gnd
Gnd
4
3
2
1
5
6
7
8
TOP VIEW
Initial Voltage Accuracy
(see Table 1 for nominal values)
Line Regulation
Load Regulation (Note 1)
Output Voltage Temp Coef.
Dropout Voltage (Note 2)
Ground Current (Note 3)
Current Limit
Minimum Input Voltage
APU1208, APU1209
Adjust Pin Current
Minimum Load Current
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Vo
∆VI
∆VL
∆VO(T)
∆VI(O)
IQ
ICL
VIN(min)
IADJ
IO(min)
Io=10mA, TA=25℃
Vo + 1V<VIN<1
0
10mA<Io<1A
1mA<Io<150mA
Io=100mA
Io=500mA
Io=1000mA
VIN=Vo + 1 for all conditions:
Io=100mA
Io=500mA
Io=1000mA
Vo=5% Below Regulation Point
VIN=2.5V, Vo=VADJ
-
2
1.1
1
0.5
0.5
20
100
300
500
1.4
2.1
2
1
0.7
0.5
100
200
400
650
3
15
50
2.3
0.1
%
%
%
ppm/℃
mV
mA
A
V
µA
mA
Advanced Power
Electronics Corp.
Operating Ambient Temperature Range ..................... -40
oC To 85 oC
.


Similar Part No. - APU1207

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU1207 A-POWER-APU1207 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
APU1207M-18 A-POWER-APU1207M-18 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
APU1207M-25 A-POWER-APU1207M-25 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
APU1207M-33 A-POWER-APU1207M-33 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results

Similar Description - APU1207

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com