Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APU1205 Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APU1205
Description  300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APU1205 Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APU1205_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. APU1205_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. APU1205_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. APU1205_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. APU1205_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Advanced Power
Electronics Corp.
APU1205
MARKING INFORMATION
SOT-23-5L
SOT-23-5LR
5
RB&SS
Part Number : RB
Date Code
SS:2004,2008,2012…
SS:2003,2007,2011…
SS:2002,2006,2010…
SS:2001,2005,2009…
Output Voltage :
Output
Voltage
VOUT Code
ADJ
Blank
1.8V
A
2.5V
B
3.3V
E
Rb&SS
Part Number : Rb
Date Code
SS:2004,2008,2012…
SS:2003,2007,2011…
SS:2002,2006,2010…
SS:2001,2005,2009…
Output Voltage :
Output
Voltage
VOUT Code
ADJ
Blank
1.8V
A
2.5V
B
3.3V
E
.


Similar Part No. - APU1205_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU1205-18 A-POWER-APU1205-18 Datasheet
70Kb / 4P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
More results

Similar Description - APU1205_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU1205 A-POWER-APU1205 Datasheet
70Kb / 4P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
logo
International Rectifier
IRU1205 IRF-IRU1205 Datasheet
40Kb / 6P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836_16 Datasheet
245Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU8850 A-POWER-APU8850_16 Datasheet
149Kb / 7P
   150mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com