Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP211EET Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP211EET
Description  5V High Performance RS232 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211EET Datasheet(HTML) 2 Page - Sipex Corporation

  SP211EET Datasheet HTML 1Page - Sipex Corporation SP211EET Datasheet HTML 2Page - Sipex Corporation SP211EET Datasheet HTML 3Page - Sipex Corporation SP211EET Datasheet HTML 4Page - Sipex Corporation SP211EET Datasheet HTML 5Page - Sipex Corporation SP211EET Datasheet HTML 6Page - Sipex Corporation SP211EET Datasheet HTML 7Page - Sipex Corporation SP211EET Datasheet HTML 8Page - Sipex Corporation SP211EET Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional
operation of the device at these or any other
above those indicated in the operation sections
of the specifications below is not implied. Exposure
to absolute maximum rating conditions for extended
periods of time may affect reliability.
V
CC .................................................................. +6V
V+ ....................................... (V
CC – 0.3V) to +13.2V
V................................................................ 13.2V
Input Voltages
T
IN .......................................... –0.3V to (VCC +0.3V)
R
IN ................................................................ ±20V
Output Voltages
T
OUT ................................ (V
+, +0.3V) to (V, –0.3V)
R
OUT ....................................... –0.3V to (VCC +0.3V)
Short Circuit Duration on T
OUT .............. Continuous
.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
TTL INPUTS
T
IN, EN, SD
Logic Threshold
V
IL
0.8
Volts
V
IH
2.0
Volts
Logic Pullup Current
15
200
µAT
IN = 0V
Maximum Transmssion Rate
120
230
kbps
C
L = 1000pF, RL = 3KΩ
TTL OUTPUTS
Compatibility
TTL/CMOS
V
OL
0.4
Volts
I
OUT = 3.2mA; VCC = +5V
V
OH
3.5
Volts
I
OUT = –1.0mA
Leakage Current
0.05
+10
µA
0V
≤ R
OUT ≤ VCC ; SP211 EN = 0V;
SP213 EN = V
CC
T
A = +25°C
RS232 OUTPUT
Output Voltage Swing
+5
+7
Volts
All transmitter outputs loaded
with 3K
Ω to ground
Output Resistance
300
V
CC = 0V; VOUT = +2V
Output Short Circuit Current
+25
mA
Infinite duration, V
OUT = 0V
RS232 INPUT
Voltage Range
–15
+15
Volts
Voltage Threshold
Low
0.8
1.2
Volts
V
CC = 5V, TA = +25°C
High
1.7
2.8
Volts
V
CC = 5V, TA = +25°C
Hysteresis
0.2
0.5
1.0
Volts
V
CC = +5V
Resistance
3
5
7
k
V
IN =+15V; TA = +25°C
DYNAMIC CHARACTERISTICS
Driver Propagation Delay
1.5
µs
TTL–to–RS-232
Receiver Propagation Delay
0.5
1.5
µs
RS-232–to–TTL
Instantaneous Slew Rate
30
V/
µsC
L = 50pF, RL = 3–7KΩ;
T
A = +25°C; from +3V
Transition Time
1.5
µsC
L = 2,500pF, RL = 3KΩ;
measured from +3V to –3V
or –3V to +3V
Output Enable Time
400
ns
Output Disable Time
250
ns
SPECIFICATIONS
V
CC at nominal ratings; 0.1µF charge pump capacitors; TMIN to TMAX, unless otherwise noted.
Power Dissipation Per Package
24-pin SSOP (derate 11.2mW/oC above +70oC)....900mW
24-pin PDIP (derate 15.9mW/oC above +70oC)....1300mW
24-pin SOIC (derate 12.5mW/oC above +70oC)...1000mW
28-pin SSOP (derate 11.2mW/oC above +70oC)....900mW
28-pin SOIC (derate 12.7mW/oC above +70oC)...1000mW


Similar Part No. - SP211EET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211EET SIPEX-SP211EET Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
More results

Similar Description - SP211EET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321 Datasheet
454Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
List of Unclassifed Man...
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
   High Performance Bus Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com