Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU730-1210B8 Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU730-1210B8
Description  CITILED COB Series High intensity High CRI Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU730-1210B8 Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU730-1210B8 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU730-1210B8 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU730-1210B8 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU730-1210B8 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU730-1210B8 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU730-1210B8 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU730-1210B8 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLU730-1210B8 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLU730-1210B8 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Ref.CE-P3125 04/15
5. Reliability
5-1. Reliability Test
5-2. Failure Criteria
Test Item
100 C × 1000 hours
-40 C × 1000 hours
Test Condition
IF=1750mA Ta=25C (with Al-fin) ×1000hrs
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
85 C, 85 %RH for 500 hours
Thermal Shock Test
Continuous Operation Test
High Temperature Storage Test
Low Temperature Storage Test
Moisture-proof Test
IF=1750mA Tj=140C (with Al-fin) ×1000hrs
9
( Tc=25C )
U defines the upper limit of the specified characteristics. S defines the initial value.
Note : Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
return to the normal ambient conditions after the completion of each test.
Total Luminous Flux
Φv
If=1750mA
<S × 0.85
Measuring Item
Symbol
Measuring Condition
Failure Criteria
Forward Voltage
Vf
If=1750mA
>U × 1.1


Similar Part No. - CLU730-1210B8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU731-1210C4 CITIZEN-CLU731-1210C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU731-1210C4 CITIZEN-CLU731-1210C4 Datasheet
553Kb / 14P
   High Intensity COB
CLU731-1210C4-27NV1N8 CITIZEN-CLU731-1210C4-27NV1N8 Datasheet
553Kb / 14P
   High Intensity COB
CLU731-1210C4-30NV1N8 CITIZEN-CLU731-1210C4-30NV1N8 Datasheet
553Kb / 14P
   High Intensity COB
CLU731-1210C4-35NV1N8 CITIZEN-CLU731-1210C4-35NV1N8 Datasheet
553Kb / 14P
   High Intensity COB
More results

Similar Description - CLU730-1210B8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU710-1204B8 CITIZEN-CLU710-1204B8 Datasheet
746Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU700-1002B8 CITIZEN-CLU700-1002B8 Datasheet
747Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU720-1206B8 CITIZEN-CLU720-1206B8 Datasheet
759Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU711-1204C4 CITIZEN-CLU711-1204C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-0304C4 CITIZEN-CLU701-0304C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU701-0303C4 CITIZEN-CLU701-0303C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU731-1210C4 CITIZEN-CLU731-1210C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU721-1206C4 CITIZEN-CLU721-1206C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-1002C4 CITIZEN-CLU701-1002C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com