Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU720-1206B8-273H5G3 Datasheet(PDF) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU720-1206B8-273H5G3
Description  CITILED COB Series High intensity High-CRI Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU720-1206B8-273H5G3 Datasheet(HTML) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU720-1206B8-273H5G3 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-273H5G3 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-273H5G3 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-273H5G3 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-273H5G3 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-273H5G3 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-273H5G3 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-273H5G3 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-273H5G3 Datasheet HTML 14Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Ref.CE-P3124 04/15
1 5 5 5 0 0 1
(2)
(1)
(3)
Example of indication label
1. TYPE
e.g. CLU720-1206B8
2. P.No. ( Cutomer's P/N )
3. Lot No.
e.g.
4. Quantity
(1) Last two digit of the year
15 : year 2015
(2) Production month
5 : May
Note: October, November and December are designated X,Y and Z.
(3) CE's control number
6. Packing Specification
6-1. Packing
10
An empty tray is placed on top of a 6-tier tray which contain 48 pieces each.
(Smallest packing unit: 288 pieces)
A label with product name, quantity and lot number is placed on the upper empty tray.
Tray (Dimensions: 310×210×12 mm / Materials: Electrically conductive PS)
CUSTOMER
TYPE
P.NO
Lot No
Q'ty
: CLU***-******-*******
: ******
: *******
: ***
--- ( 1 )
--- ( 2 )
--- ( 3 )
--- ( 4 )


Similar Part No. - CLU720-1206B8-273H5G3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
590Kb / 14P
   High intensity Type
CLU720-1206C1-27GV1J9 CITIZEN-CLU720-1206C1-27GV1J9 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1-27GV1J9 CITIZEN-CLU720-1206C1-27GV1J9 Datasheet
590Kb / 14P
   High intensity Type
CLU720-1206C1-31GV1J8 CITIZEN-CLU720-1206C1-31GV1J8 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
More results

Similar Description - CLU720-1206B8-273H5G3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU710-1204B8 CITIZEN-CLU710-1204B8 Datasheet
746Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU730-1210B8 CITIZEN-CLU730-1210B8 Datasheet
731Kb / 15P
   CITILED COB Series High intensity High CRI Type
CLU700-1002B8 CITIZEN-CLU700-1002B8 Datasheet
747Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU711-1204C4 CITIZEN-CLU711-1204C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-0304C4 CITIZEN-CLU701-0304C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU701-0303C4 CITIZEN-CLU701-0303C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU731-1210C4 CITIZEN-CLU731-1210C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU721-1206C4 CITIZEN-CLU721-1206C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-1002C4 CITIZEN-CLU701-1002C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com