Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU048-1212C4-303H5K2 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU048-1212C4-303H5K2
Description  CITILED COB Series Standard Type Ra90 Model
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU048-1212C4-303H5K2 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU048-1212C4-303H5K2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-303H5K2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-303H5K2 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-303H5K2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-303H5K2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-303H5K2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-303H5K2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-303H5K2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-303H5K2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ref.CE-P3541 02/16
2. Performance Characteristics
2-1. Electro Optical Characteristics
2-2. Absolute Maximum Ratings
Symbol
Rating
Pi
117.5
*1
If
2760
*1
Ir
1
Top
-40 ~ +100
Tst
-40 ~ +100
Tc
105
*2
Tj
140
*3
Absolute Maximum Ratings
*1. Input power and forward current are the values when the LED is used within the range of the derating
curve in this data sheet.
*2. Refer to 3. Outline drawing for Tc measurement point.
Parameter
Input Power (W)
Forward Current (mA)
Reverse Current (mA)
*3. D.C. Current : Tj = Tc + Rj-c × Pi
Storage Temperature (C)
Case Temperature (C)
Junction Temperature (C)
Operating Temperature (C)
3
( Tj=85C )
Ra
R9
Tc=25C*
Min.
Min.
Min.
Typ.
Typ.
Typ.
Min.
Typ.
Max.
CLU048-1212C4-273H5K2
2700K
90
50
3,868
4,396
4,824
117
1,080
31.8
34.6
37.5
0.34
CLU048-1212C4-303H5K2
3000K
90
50
4,042
4,594
5,042
123
1,080
31.8
34.6
37.5
0.34
CLU048-1212C4-353H5K2
3500K
90
50
4,120
4,682
5,138
125
1,080
31.8
34.6
37.5
0.34
CLU048-1212C4-403H5K2
4000K
90
50
4,164
4,732
5,193
126
1,080
31.8
34.6
37.5
0.34
Notes :
1. Citizen Electronics maintains forward voltage +/-3%, luminous flux +/-10%,Ra and R9 +/-1.
*Values of Luminous flux at Tc=25C are provided as reference only.
Product code
Electro Optical Characteristics
Forward
Current
( mA )
Thermal
Resistance
Rj-c
( C/W )
CRI
Nominal
CCT
Luminous flux
( lm )
Efficacy
( lm/W )
Voltage
( V )
Tj=85C


Similar Part No. - CLU048-1212C4-303H5K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU048-1212C4-30BV1N3 CITIZEN-CLU048-1212C4-30BV1N3 Datasheet
559Kb / 14P
   Brilliant Type
More results

Similar Description - CLU048-1212C4-303H5K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU058-1825C4 CITIZEN-CLU058-1825C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1210C4 CITIZEN-CLU038-1210C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1201C4 CITIZEN-CLU028-1201C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1202C4 CITIZEN-CLU028-1202C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1206C4 CITIZEN-CLU038-1206C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1818C4 CITIZEN-CLU048-1818C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1203C4 CITIZEN-CLU028-1203C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1205C4 CITIZEN-CLU038-1205C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1204C4 CITIZEN-CLU028-1204C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1812C4 CITIZEN-CLU048-1812C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com