Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3880QMFE-1AC Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3880QMFE-1AC
Description  Simple Power Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3880QMFE-1AC Datasheet(HTML) 3 Page - Texas Instruments

  LM3880QMFE-1AC Datasheet HTML 1Page - Texas Instruments LM3880QMFE-1AC Datasheet HTML 2Page - Texas Instruments LM3880QMFE-1AC Datasheet HTML 3Page - Texas Instruments LM3880QMFE-1AC Datasheet HTML 4Page - Texas Instruments LM3880QMFE-1AC Datasheet HTML 5Page - Texas Instruments LM3880QMFE-1AC Datasheet HTML 6Page - Texas Instruments LM3880QMFE-1AC Datasheet HTML 7Page - Texas Instruments LM3880QMFE-1AC Datasheet HTML 8Page - Texas Instruments LM3880QMFE-1AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
FLAG1
VCC
EN
GND
FLAG3
FLAG2
5
1
2
3
4
6
3
LM3880, LM3880-Q1
www.ti.com
SNVS451K – AUGUST 2006 – REVISED FEBRUARY 2016
Product Folder Links: LM3880 LM3880-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
6-Pin DBV
SOT-23 Package
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
VCC
1
Input supply
GND
2
Ground
EN
3
Precision enable pin
FLAG3
4
Open-drain output 3
FLAG2
5
Open-drain output 2
FLAG1
6
Open-drain output 1
(1)
See Figure 2 and Figure 3.
5.1 Part Nomenclature
The list of parts available to order appear in the Package Option Addendum.
Figure 1. Part Nomenclature
Table 1. Sequence Designator Table (1)
SEQUENCE NUMBER
FLAG ORDER
POWER UP
POWER DOWN
1
1 - 2 - 3
3 - 2 - 1
2
1 - 2 - 3
3 - 1 - 2
3
1 - 2 - 3
2 - 3 - 1
4
1 - 2 - 3
2 - 1 - 3
5
1 - 2 - 3
1 - 3 - 2
6
1 - 2 - 3
1 - 2 - 3


Similar Part No. - LM3880QMFE-1AC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3880QMFE-1AC NSC-LM3880QMFE-1AC Datasheet
283Kb / 12P
   Power Sequencer
More results

Similar Description - LM3880QMFE-1AC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881 Datasheet
1Mb / 27P
[Old version datasheet]   LM3881 Simple Power Sequencer With Adjustable Timing
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com