Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70718DQNT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70718DQNT
Description  Low-Noise, Low-Dropout Regulator for Portable Devices
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70718DQNT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV70718DQNT Datasheet HTML 2Page - Texas Instruments TLV70718DQNT Datasheet HTML 3Page - Texas Instruments TLV70718DQNT Datasheet HTML 4Page - Texas Instruments TLV70718DQNT Datasheet HTML 5Page - Texas Instruments TLV70718DQNT Datasheet HTML 6Page - Texas Instruments TLV70718DQNT Datasheet HTML 7Page - Texas Instruments TLV70718DQNT Datasheet HTML 8Page - Texas Instruments TLV70718DQNT Datasheet HTML 9Page - Texas Instruments TLV70718DQNT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
TLV707, TLV707P
SBVS153E – FEBRUARY 2011 – REVISED FEBRUARY 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Startup time = time from EN assertion to 0.98 × Vout.
6.5 Electrical Characteristics
At VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater); IOUT = 1 mA, VEN = VIN, COUT = 0.47 μF, and TJ = –40°C to 85°C,
unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2
5.5
V
VOUT
Output voltage range
0.85
5
V
DC output accuracy
0.5%
VOUT ≥ 0.85 V
–1.5%
1.5%
ΔVO(ΔVI)
Line regulation
1
5
mV
ΔVO(ΔIO)
Load regulation
0 mA
≤ IOUT ≤ 150 mA
10
20
mV
V(DO)
Dropout voltage
VIN = 0.98 x
VOUT(nom)
2.0 V < VOUT ≤ 2.4 V
IOUT = 30 mA
65
mV
IOUT = 150 mA
325
360
2.4 V < VOUT ≤ 2.8 V
IOUT = 30 mA
50
IOUT = 150 mA
250
300
2.8 V < VOUT ≤ 3.3 V
IOUT = 30 mA
45
IOUT = 150 mA
220
270
3.3 V < VOUT ≤ 5.0 V
IOUT = 30 mA
40
IOUT = 150 mA
200
250
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
240
300
450
mA
I(GND)
Ground pin current
IOUT = 0 mA
25
50
µA
I(EN)
EN pin current
VEN = 5.5 V
0.01
µA
ISHUTDOWN
Shutdown current
VEN ≤ 0.4 V, 2.0 V ≤ VIN ≤ 4.5 V
1
µA
VIL(EN)
EN pin low-level input
voltage (disable device)
0
0.4
V
VIH(EN)
EN pin high-level input
voltage (enable device)
0.9
VIN
V
PSRR
Power-supply rejection
ratio
VIN = 3.3 V, VOUT = 2.8 V,
IOUT = 30 mA
f = 100 Hz
70
dB
f = 10 kHz
55
f = 1 MHz
50
Vn
Output noise voltage
BW = 100 Hz to 100 kHz, VIN = 2.3 V, VOUT = 1.8 V,
IOUT = 10 mA
45
µVRMS
tSTR
Startup time(1)
COUT = 1.0 µF, IOUT = 150 mA
100
µs
RPULLDOWN
Pulldown resistance
(TLV707P only)
120
Ω
TJ
Operating junction
temperature
–40
125
°C


Similar Part No. - TLV70718DQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70718DQNT TI1-TLV70718DQNT Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718DQNT TI-TLV70718DQNT Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718DQNT TI1-TLV70718DQNT Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718DQNT TI1-TLV70718DQNT Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV70718DQNT TI1-TLV70718DQNT Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70718DQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_V01 Datasheet
1Mb / 44P
[Old version datasheet]   TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
REVISED JUNE 2023
TLV707P TI-TLV707P Datasheet
1Mb / 42P
[Old version datasheet]   TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV710 TI-TLV710_10 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com