Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS81256 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS81256
Description  High Efficiency Step-Up Converter In MicroSiP Packaging
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS81256 Datasheet(HTML) 1 Page - Texas Instruments

  TPS81256_16 Datasheet HTML 1Page - Texas Instruments TPS81256_16 Datasheet HTML 2Page - Texas Instruments TPS81256_16 Datasheet HTML 3Page - Texas Instruments TPS81256_16 Datasheet HTML 4Page - Texas Instruments TPS81256_16 Datasheet HTML 5Page - Texas Instruments TPS81256_16 Datasheet HTML 6Page - Texas Instruments TPS81256_16 Datasheet HTML 7Page - Texas Instruments TPS81256_16 Datasheet HTML 8Page - Texas Instruments TPS81256_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
0
10
20
30
40
50
60
70
80
90
100
V
I
- Input
Voltage
- V
IO -
Output
Current
- m
A
.
V = 5.0 V
O
C
I
C
O
L
VIN
EN
VOUT
GND
L
V
OUT
= 5.0 V
DC/DC Converter
TPS81256SIP
ENABLE
GND
4.7µF
16V X5R (0603)
V
IN
2.5 V .. 4.85 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TPS81256
SLVSAZ9C – JUNE 2012 – REVISED FEBRUARY 2016
TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP™ Packaging
1
1 Features
1
91% Efficiency at 4MHz Operation
Wide VIN Range From 2.5V to 5.5V
IOUT ≥550mA at VOUT = 5.0V, VIN ≥3.3V
Fixed Output Voltage 5.0V
±2% Total DC Voltage Accuracy
43µA Supply Current
Best-in-Class Line and Load Transient
VIN ≥ VOUT Operation
Low-Ripple Light-Load PFM Mode
True Load Disconnect During Shutdown
Thermal Shutdown and Overload Protection
Sub 1-mm Profile Solution
Total Solution Size <9mm2
9-Pin MicroSiP Packaging
2 Applications
Cell Phones, Smart-Phones, Tablet PCs
Mono and Stereo APA Applications
USB-OTG, HDMI Applications
USB Charging Port (5V)
3 Description
The TPS81256 device is a complete MicroSiP DC/DC
step-up power solution intended for battery-powered
portable applications. Included in the package are the
switching
regulator,
inductor
and
input/output
capacitors. Only a tiny additional output capacitor is
required to finish the design.
The
TPS81256
is
based
on
a
high-frequency
synchronous step-up DC/DC converter optimized for
battery-powered portable applications.
The DC/DC converter operates at a regulated 4-MHz
switching frequency and enters power-save mode
operation at light load currents to maintain high
efficiency over the entire load current range.
The PFM mode extends the battery life by reducing
the supply current to 43
μA (typical) during light load
operation. Intended for low-power applications, the
TPS81256 supports more than 3W output power over
a full Li-Ion battery voltage range. Input current in
shutdown mode is less than 1µA (typical), which
maximizes battery life.
The TPS81256 offers a very small solution size of
less than 9mm2 due to minimum amount of external
components. The solution is packaged in a compact
(2.6mm x 2.9mm) and low profile (1.0mm) BGA
package
suitable
for
automated
assembly
by
standard surface mount equipment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS81256
µSIP (9)
2.925 mm × 2.575 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Efficiency vs Load Current
Typical Application


Similar Part No. - TPS81256_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256_14 Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
More results

Similar Description - TPS81256_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256 Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI1-TPS81256_14 Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com