Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS57060QDRCRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57060QDRCRQ1
Description  Step-Down DC-DC Converter With
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57060QDRCRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS57060QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 11Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 12Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 13Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 14Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
11
TPS57060-Q1
www.ti.com
SLVSAP2C – DECEMBER 2010 – REVISED FEBRUARY 2016
Product Folder Links: TPS57060-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS57060-Q1 device is a 60-V, 0.5-A, step-down (buck) regulator with an integrated high side n-channel
MOSFET. To improve performance during line and load transients the device implements a constant frequency,
current mode control which reduces output capacitance and simplifies external frequency compensation design.
The wide switching frequency of 100 kHz to 2500 kHz allows for efficiency and size optimization when selecting
the output filter components. A resistor to ground on the RT/CLK pin sets the switching frequency. The device
has an internal phase lock loop (PLL) on the RT/CLK pin that is used to synchronize the power switch turn on to
a falling edge of an external system clock.
The TPS57060-Q1 device has a default start up voltage of approximately 2.5 V. The EN pin has an internal
pullup current source that can be used to adjust the input voltage under voltage lockout (UVLO) threshold with
two external resistors. In addition, the pullup current provides a default condition. When the EN pin is floating the
device will operate. The operating current is 116
μA when not switching and under no load. When the device is
disabled, the supply current is 1.3
μA.
The integrated 200-m
Ω high-side MOSFET allows for high efficiency power supply designs capable of delivering
0.5 amperes of continuous current to a load. The TPS57060-Q1 device reduces the external component count by
integrating the boot recharge diode. A capacitor between the BOOT and PH pins supplies the bias voltage for the
integrated high-side MOSFET. The boot capacitor voltage is monitored by an UVLO circuit and will turn the high-
side MOSFET off when the boot voltage falls below a preset threshold. The TPS57060-Q1 device can operate at
high duty cycles because of the boot UVLO. The output voltage can be stepped down to as low as the 0.8-V
reference.
The TPS57060-Q1 device has a power good comparator (PWRGD) which asserts when the regulated output
voltage is less than 92% or greater than 109% of the nominal output voltage. The PWRGD pin is an open drain
output which deasserts when the VSENSE pin voltage is between 94% and 107% of the nominal output voltage
allowing the pin to transition high when a pullup resistor is used.
The TPS57060-Q1 device minimizes excessive output overvoltage (OV) transients by taking advantage of the
OV power good comparator. When the OV comparator is activated, the high-side MOSFET is turned off and
masked from turning on until the output voltage is lower than 107%.
The SS/TR (slow start/tracking) pin minimizes inrush currents and provides power-supply sequencing during
power up. A small value capacitor should be coupled to the pin to adjust the slow start time. A resistor divider
can be coupled to the pin for critical power supply sequencing requirements. The SS/TR pin is discharged before
the output powers up. This discharging ensures a repeatable restart after an over-temperature fault, UVLO fault
or a disabled condition.
The TPS57060-Q1 device also discharges the slow start capacitor during overload conditions with an overload
recovery circuit. The overload recovery circuit will slow start the output from the fault voltage to the nominal
regulation voltage when a fault condition is removed. A frequency foldback circuit reduces the switching
frequency during startup and overcurrent fault conditions to help control the inductor current.


Similar Part No. - TPS57060QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results

Similar Description - TPS57060QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com