Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56121DQPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56121DQPR
Description  Input High-Current Synchronous Buck SWIFT Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56121DQPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS56121DQPR Datasheet HTML 7Page - Texas Instruments TPS56121DQPR Datasheet HTML 8Page - Texas Instruments TPS56121DQPR Datasheet HTML 9Page - Texas Instruments TPS56121DQPR Datasheet HTML 10Page - Texas Instruments TPS56121DQPR Datasheet HTML 11Page - Texas Instruments TPS56121DQPR Datasheet HTML 12Page - Texas Instruments TPS56121DQPR Datasheet HTML 13Page - Texas Instruments TPS56121DQPR Datasheet HTML 14Page - Texas Instruments TPS56121DQPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
0
0.4
0.8
1.2
1.6
Time (ms)
2.0
Calibration
Time(1.9 ms)
0.7 V
1.3 V
V
SS_INT
V
EN/SS
11
TPS56121
www.ti.com
SLUSAH4D – MARCH 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS56121
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 19. Startup Sequence and Timing
7.3.2 Enable Functionality, Startup Sequence and Timing
After input power is applied, an internal 40-
μA current source begins to charge the soft-start capacitor connected
from EN/SS to GND. When the voltage across that capacitor increases to 0.7 V, it enables the internal BP
regulator followed by a calibration. Total calibration time is approximately 1.9 ms. See Figure 19. During the
calibration, the device performs the following two functions.
7.3.2.1 COMP Pin Impedance Sensing
The device samples the impedance at the COMP pin and determines the appropriate operating switching
frequency. If there is no resistor connected from the COMP pin to GND, the switching frequency is set to the
default value of 500 kHz. If a resistor of 40.2 k
Ω ± 10% is connected from the COMP pin to GND, the switching
frequency is set to 300 kHz. Alternatively, if a resistor of 13.3 K ± 10% is connected from the COMP pin to GND,
the switching frequency is set to 1 MHz.
After a 1.1-ms time period, the COMP pin is then brought low for 0.8 ms. This ensures that the feedback loop is
preconditioned at startup and no sudden output rise occurs at the output of the converter when it is allowed to
start switching.
7.3.2.2 Overcurrent Protection (OCP) Setting
The device sources 10
μA (typical) to the resistor connected from the ILIM pin to GND. The voltage developed
across that resistor multiplied by a factor of 2 is then sampled and latched off internally as the OCP trip level for
the low-side FET until one cycles the input or toggles the EN/SS.
The voltage at EN/SS is internally clamped to 1.3 V before and/or during calibration to minimize the discharging
time once calibration is complete. The discharging current is from an internal current source of 140
μA and it
pulls the voltage down to 0.4 V. It then initiates the soft-start by charging up the capacitor using an internal
current source of 10
μA. The resulting voltage ramp on this pin is used as a second non-inverting input to the
error amplifier after an 800 mV (typical) downward level-shift; therefore, the actual soft-start does not take place
until the voltage at this pin reaches 800 mV.
If the EN/SS pin is left floating, the controller starts automatically. EN/SS must be pulled down to less than 270
mV to ensure that the chip is in shutdown mode.
7.3.3 Soft-Start Time
The soft-start time of the TPS56121 is user programmable by selecting a single capacitor. The EN/SS pin
sources 10
μA to charge this capacitor. The actual output ramp-up time is the amount of time that it takes for the
10
μA to charge the capacitor through a 600 mV range. There is some initial lag due to calibration and an offset
(800 mV) from the actual EN/SS pin voltage to the voltage applied to the error amplifier.


Similar Part No. - TPS56121DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121DQPR TI1-TPS56121DQPR Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
More results

Similar Description - TPS56121DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53353 TI1-TPS53353_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com