Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56520PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56520PWP
Description  Synchronous Step-Down Voltage Regulator with Voltage Scaling
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56520PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS56520PWP Datasheet HTML 6Page - Texas Instruments TPS56520PWP Datasheet HTML 7Page - Texas Instruments TPS56520PWP Datasheet HTML 8Page - Texas Instruments TPS56520PWP Datasheet HTML 9Page - Texas Instruments TPS56520PWP Datasheet HTML 10Page - Texas Instruments TPS56520PWP Datasheet HTML 11Page - Texas Instruments TPS56520PWP Datasheet HTML 12Page - Texas Instruments TPS56520PWP Datasheet HTML 13Page - Texas Instruments TPS56520PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
400
450
500
550
600
0.0
1.0
2.0
3.0
4.0
5.0
I
O - Output Current (A)
C005
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 1.8V
0.594
0.596
0.598
0.600
0.602
0.604
0.606
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C006
I
O = 50 mA, VOUT = 1.1 V
0
50
100
150
200
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C002
400
450
500
550
600
650
700
4
6
8
10
12
14
16
18
V
IN - Input Voltage (V)
C004
I
OUT = 5 A
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 1.8V
±10
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
16
18
EN Input Voltage (V)
C003
V
IN = 17 V
800
850
900
950
1,000
1,050
1,100
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C001
10
TPS56C20, TPS56920, TPS56720, TPS56520
SLVSCB6D – NOVEMBER 2013 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
VIN = 12 V, VOUT = 1.0 V, Ta = 25 °C, unless otherwise specified.
Figure 2. TPS56X20 Enable Input Current
Figure 3. TPS56520 Quiescent Current
Figure 4. TPS56520 Shutdown Quiescent Current
Figure 5. TPS56520 Switching Frequency
Figure 6. TPS56520 Switching Frequency,
Eco-mode™ = OFF
Figure 7. TPS56520 Feedback Voltage


Similar Part No. - TPS56520PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565201DDCR TI1-TPS565201DDCR Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565201DDCT TI1-TPS565201DDCT Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208DDCR TI1-TPS565208DDCR Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results

Similar Description - TPS56520PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Advanced Analogic Techn...
AAT1142 ANALOGICTECH-AAT1142 Datasheet
979Kb / 22P
   800mA Voltage-Scaling Step-Down Converter
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Infineon Technologies A...
TLE6365 INFINEON-TLE6365_07 Datasheet
285Kb / 18P
   Step Down Voltage Regulator with Reset
Rev. 1.9, 2007-07-30
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
   1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com