Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8843 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE8843
Description  DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8843 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE8843_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8843_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8843_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8843_16 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Power
Electronics Corp.
APE8843
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2 Pin Voltage (VIN1,2) ----------------------------
6.5V
Output Voltage (VOUT1/VOUT2) ---------------------------- GND - 0.3 to VIN + 0.3V
Enable Voltage (VEN1/VEN2) ------------------------------
GND - 0.3 to VIN + 0.3V
Power Dissipation (PD) ------------------------------------ Internally Limited
Storage Temperature Range (TST) --------------------- -65°C To 150°C
Operating Junction Temperature Range (TOPJ) ----- -40°C To + 125°C
Junction Temperature (TJ) ------------------------------- -40°C To + 150°C
15°C/W
45°C/W
RECOMMENDED OPERATING CONDITIONS
Input Voltage (VIN1,2) -------------------------------------- 3.2 to 6V
Operating Junction Temperature Range (TJ) ------- -40 to 125℃
Ambient Temperature (TA) ------------------------------ -40 to 85℃
ELECTRICAL SPECIFICATIONS
( VIN=VOUT+1.5V or VIN=3.2V whichever is greater, CIN=1uF, COUT=1uF, TA=25
oC, unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VIN1
4.2
-
6
VIN2
3.2
-
6
VEN1/2H
1.4
-
-
VEN1/2L
-
-
0.4
Shutdown Current
ISD1,2
--
5
uA
Temperature Shutdown
TSD1,2
-
160
-
°C
Temperature Shutdown Hysterisis
δT
SD1,2
-35
-
°C
Regulator1
IOUT1=1mA (APE8843MP-A)
3.234
3.3
3.366
IOUT1=1mA (APE8843MP-B)
2.45
2.5
2.55
IOUT1=1mA (APE8843MP-C)
1.176
1.2
1.224
IO=100mA, VO=3.3V
-
250
400
IO=600mA, VO=3.3V
-
800
900
IO=100mA, VO=2.5V
-
250
300
IO=600mA, VO=2.5V
-
1000
1200
Quiescent Current
IQ1
IO= 0mA
-
30
55
µA
Line Regulation
VLine1
IO=1mA, VIN test condition to 6V
-
1
5
mV
Load Regulation (Note2)
ΔV
LOAD1
IO=0mA to 600mA
-
50
100
mV
Current Limit
ILIMIT1
RLoad=1Ω
600
650
-
mA
Io=1mA, COUT=1uF, fRIPPLE = 1KHz
-
-60
-
Io=1mA, COUT=1uF, fRIPPLE = 10KHz
-
-40
-
Regulator2
IOUT2=1mA (APE8843MP-A)
1.176
1.2
1.224
IOUT2=1mA (APE8843MP-B)
1.176
1.2
1.224
IOUT2=1mA (APE8843MP-C)
1.078
1.1
1.122
VOUT1
V
Thermal Resistance from Junction to case (R thjc)
Thermal Resistance from Junction to ambient (R thja)
Note
Note: Rthja is measured with the PCB copper area of approximately 1 in
2(Multi-layer). That need connect to exposed pad.
Input Voltage
V
Enable Input Threshold
Each channel
V
Dropout Voltage (Note1)
VDROP1-B
mV
VDROP1-C
VDROP1-A
mV
Output Voltage Accuracy
2
Output Voltage Accuracy
VOUT2
V
Ripple Rejection
PSRR1
dB
VO=1.2V guarantee by VIN > 3.2V
.


Similar Part No. - APE8843_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results

Similar Description - APE8843_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com