Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37735EHBXXXFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M37735EHBXXXFP
Description  PROM VERSION OF M37735EHBXXXFP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37735EHBXXXFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37735EHBXXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37735EHBXXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37735EHBXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37735EHBXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37735EHBXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37735EHBXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37735EHBXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37735EHBXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37735EHBXXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
MITSUBISHI MICROCOMPUTERS
M37735EHBXXXFP
M37735EHBFS
PROM VERSION OF M37735MHBXXXFP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 1 Bit configuration of oscillation circuit control register 1 (corresponding to Figure 63 in data sheet “M37735MHBXXXFP”)
Fig. 2 How to write data in oscillation circuit control register 1 (indentical with Figure 64 in data sheet “M37735MHBXXXFP”)
Writing data “8016” (LDM instruction)
Reset clock prescaler
Writing data “5516” (LDM instruction)
Writing data “0Y16” (LDM instruction)
CC2 to CC0 selection bits
• How to reset clock prescaler
• How to write in CC2 to CC0 selection bits
Note. “Y” is the sum of bits to be set. For example, when
setting bits 2 and 1 to “1”, “Y” becomes “6”.
Next instruction
BASIC FUNCTION BLOCKS
The M37735EHBXXXFP has the same functions as the
M37735MHBXXXFP except for the following:
(1) The built-in ROM is PROM.
(2) The status of bit 3 of the oscillation circuit control register 1 (address
6F16) at a reset is different.
(3) The usage condition of bit 3 of the oscillation circuit control register
1 is different.
(4) Part of the processor mode selection method is different.
Accordingly, refer to the basic function blocks description in the
M37735MHBXXXFP except for Figure 1 (bit configuration of
oscillation circuit control register 1), Figure 3 (microcomputer internal
status during reset), and Table 1 (microprocessor mode selection
method).
In the M37735EHBXXXFP, bit 3 of the oscillation circuit control register
1 must be “0”. (Refer to Figure 1.) Bit 3 is “1” at a reset. Accordingly,
write “0” to bit 3 in the single-chip mode after reset.
Figure 2 shows how to write data in oscillation circuit control register
1.
In the M37735EHBXXXFP, the microprosessor mode cannot be
selected by connecting the CNVSS pin to VCC. Connect the CNVSS
pin to VSS and start the microcomputer’s operating from the single-
chip mode.
Note. Write to the oscillation circuit control
register 1 as the flow shown in Figure 2.
Oscillation circuit control register 1
Main clock division selection bit
0 : Main clock is divided by 2.
1 : Main clock is not divided by 2.
Main clock external input selection bit
0 : Main-clock oscillation circuit is operating by itself.
Watchdog timer is used at returning from STP state.
1 : Main-clock is input externally.
Watchdog timer is not used at returning from STP state.
Sub clock external input selection bit
0 : Sub-clock oscillation circuit is operating by itself.
Port P76 functions as XCOUT pin.
Watchdog timer is used at returning from STP state.
1 : Sub-clock is input externally.
Port P76 functions as I/O port.
Watchdog timer is not used at returning from STP state.
0 : Always “0” (This bit is “1” at reset, so that write this bit to “0”.)
0 : Always “0” (However, writing data “5516” shown in Figure 2 is possible.)
Clock prescaler reset bit
Address
6F16
CC0
CC1
CC2
00
76543
2
1
0
Table 1. Relationship between CNVSS pin input level and processor
modes
VSS
Description
Single-chip mode upon starting
after reset. Each mode can be
selected by changing the
processor mode bits by software.
Mode
· Single-chip
· Memory expansion
· Microprocessor
CNVSS


Similar Part No. - M37735EHBXXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
591Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
logo
Renesas Technology Corp
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
More results

Similar Description - M37735EHBXXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37735EHB MITSUBISHI-M37735EHB Datasheet
591Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
logo
Renesas Technology Corp
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
logo
Mitsubishi Electric Sem...
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
logo
Mitsubishi Electric Sem...
M37736EHB MITSUBISHI-M37736EHB Datasheet
405Kb / 33P
   PROM VERSION OF M37736EHBXXXGP
M37735EHLXXXHP MITSUBISHI-M37735EHLXXXHP Datasheet
422Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
logo
Renesas Technology Corp
M37736EHBXXXGP RENESAS-M37736EHBXXXGP Datasheet
562Kb / 34P
   PROM VERSION OF M37736MHBXXXGP
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
   PROM VERSION OF M37733MHLXXXHP
M37735EHLXXXHP RENESAS-M37735EHLXXXHP Datasheet
652Kb / 35P
   PROM VERSION OF M37735MHLXXXHP
M37736EHLXXXHP RENESAS-M37736EHLXXXHP Datasheet
587Kb / 37P
   PROM VERSION OF M37736MHLXXXHP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com