Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2026 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP2026
Description  2.7V to 5.5V USB Power Control Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2026 Datasheet(HTML) 3 Page - Sipex Corporation

  SP2026 Datasheet HTML 1Page - Sipex Corporation SP2026 Datasheet HTML 2Page - Sipex Corporation SP2026 Datasheet HTML 3Page - Sipex Corporation SP2026 Datasheet HTML 4Page - Sipex Corporation SP2026 Datasheet HTML 5Page - Sipex Corporation SP2026 Datasheet HTML 6Page - Sipex Corporation SP2026 Datasheet HTML 7Page - Sipex Corporation SP2026 Datasheet HTML 8Page - Sipex Corporation SP2026 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Rev. 1/23/02
SP2026 +2.7V to +5.5V USB Power Control Switch
© Copyright 2002 Sipex Corporation
PIN ASSIGNMENTS
PIN NUMBER
PIN SYMBOL
DESCRIPTION
1
ENA
Enable Input for MOSFET Switch A. This input pin is active
high for the SP2026-1 and active low for the SP2026-2.
2
FLGA
Fault Flag Output for Switch Channel A. This open drain
output pin pulls low to indicate overcurrent and thermal
shutdown conditions.
3
FLGB
Fault Flag Output for Switch Channel B. This open drain
output pin pulls low to indicate overcurrent and thermal
shutdown conditions.
4
ENB
Enable Input for MOSFET Switch B. This input pin is active
high for the SP2026-1 and active low for the SP2026-2.
5
OUTA
Output for MOSFET Switch Channel A. This is the output pin
of the MOSFET source of channel A, typically connected to
the switched side of the load.
6
GND
Ground reference. Supply return.
7
IN
Supply Input. This input pin is connected to the MOSFET drain
of both switches. Connect +2.7V to +5.5V to this input pin.
The voltage at this input pin also supplies the internal circuitry.
8
OUTB
Output for MOSFET Switch Channel B. This is the output pin
of the MOSFET source of channel B, typically connected to the
switched side of the load.
ENA
GND
OUTA
FLGA
FLGB
OUTB
IN
ENB
8
7
4
3
2
1
5
6
SP2026
®
®


Similar Part No. - SP2026

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SP202 POLYFET-SP202 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
SeCoS Halbleitertechnol...
SP20200 SECOS-SP20200 Datasheet
309Kb / 2P
   20.0 AMP Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SP20200 JINGHENG-SP20200 Datasheet
505Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SP20200C PACELEADER-SP20200C Datasheet
491Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
CHENG-YI ELECTRONIC CO....
SP2020C CHENG-YI-SP2020C Datasheet
506Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SP2026

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
203Kb / 18P
   3.0V to 5.5V USB Power Control Switch
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
logo
Maxim Integrated Produc...
MAX17270EVKIT MAXIM-MAX17270EVKIT Datasheet
1,014Kb / 13P
   2.7V to 5.5V, 1A DC power supply
Rev 0; 2/18
MAX17271EVKIT MAXIM-MAX17271EVKIT Datasheet
1Mb / 13P
   2.7V to 5.5V, 1A DC power supply
Rev 1; 7/19
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
   2.7V to 5.5V Input Voltage Range
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Maxim Integrated Produc...
MAX2622EVKIT MAXIM-MAX2622EVKIT Datasheet
178Kb / 2P
   2.7V to 5.5V Single-Supply Operation
Rev 1; 5/00
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
   2.7V to 5.5V Input Voltage Range
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com