Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA-121100 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # SAA-121100
Description  Single-Mode FC ADAPTOR supplied
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SAA-121100 Datasheet(HTML) 6 Page - Seiko Instruments Inc

  SAA-121100 Datasheet HTML 1Page - Seiko Instruments Inc SAA-121100 Datasheet HTML 2Page - Seiko Instruments Inc SAA-121100 Datasheet HTML 3Page - Seiko Instruments Inc SAA-121100 Datasheet HTML 4Page - Seiko Instruments Inc SAA-121100 Datasheet HTML 5Page - Seiko Instruments Inc SAA-121100 Datasheet HTML 6Page - Seiko Instruments Inc SAA-121100 Datasheet HTML 7Page - Seiko Instruments Inc SAA-121100 Datasheet HTML 8Page - Seiko Instruments Inc SAA-121100 Datasheet HTML 9Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2
3.
GENERAL SPECIFICATIONS
3.1
Parts and Materials
Parts and the materials are shown in Table 2.
Table 2 Parts and materials
No.
Part Name
Q'ty
Material
Notes
x Housing A
1
Brass
Nickel Plating
y Fitting Sleeve
2
Brass
Nickel Plating
Ž-1
Ž-2
Slit Sleeve
1
Phosphor Bronze
Zirconia Ceramics
--
 Spacer
1
Brass
Nickel Plating
| Housing B
1
Brass
Nickel Plating
‘ Screw
2
Brass
Nickel Plating
~-1
~-2
Cap
2
Plastic
White
Synthetic Rubber
Red
3.2
Physical Dimensions
Figure 2 shows the SAA-1.
Figure 3 to 4 show the part dimension.
• In accordance with JIS C5970 F01 type connectors
3.3
General Tolerances
Permissible deviation in dimensions without tolerance indication is in accordance with
JIS B 0405 class m, as shown in Table 3.
Table 3 General tolerance (JIS B 0405 class m)
Basic size step (mm)
Over
Under
Permissible deviation (mm)
0.5
3
36
630
30
120
±0.1
±0.1
±0.2
±0.3


Similar Part No. - SAA-121100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 11 SAA-21(T)-** ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com