Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS922A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS922A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS922A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS922A Datasheet HTML 1Page - Vectron International, Inc TFS922A Datasheet HTML 2Page - Vectron International, Inc TFS922A Datasheet HTML 3Page - Vectron International, Inc TFS922A Datasheet HTML 4Page - Vectron International, Inc TFS922A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 922a.doc
Version 1.1
16.03.2009
Vectron International
Filter specification
TFS 922A
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Output:
50
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 922,5 MHz without any tolerance or
limit. The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
1,2
dB
max.
3,3
dB
(reference level)
Nominal frequency
fN
-
922,5
MHz
Passband
PB
-
fN
±
2,5
MHz
Pass band ripple
p-p
0,5
dB
max.
2,0
dB
Absolute attenuation
aabs
0,3
MHz
...
600
MHz
44
dB
min.
40
dB
600
MHz
...
900
MHz
43
dB
min.
38
dB
955
MHz
... 1075
MHz
41
dB
min.
32
dB
1075
MHz
... 1495
MHz
51
dB
min.
43
dB
Return loss within PB
18
dB
min.
8
dB
Input power level
-
max.
15
dBm
Operating temperature range
OTR
-
- 45 °C ... + 85 °C
Storage temperature range
-
- 45 °C ... + 85 °C
Temperature coefficient of frequency
TCf *
- 36
ppm/K
-
*)
∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS922A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS922 VECTRON-TFS922 Datasheet
188Kb / 5P
   Filter specification
More results

Similar Description - TFS922A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com