Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS897G Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS897G
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS897G Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS897G Datasheet HTML 1Page - Vectron International, Inc TFS897G Datasheet HTML 2Page - Vectron International, Inc TFS897G Datasheet HTML 3Page - Vectron International, Inc TFS897G Datasheet HTML 4Page - Vectron International, Inc TFS897G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 897G.doc
Version 1.0
12.12.2014
Vectron International
Filter specification
TFS 897G
1/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50Ω
Output:
50Ω
Characteristics
Remark:
The maximum attenuation in the passband is defined as the insertion loss ae. The nominal frequency fN is fixed at 897.5 MHz without any tolerance or limit. The values of
absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is included in the
production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss in PB
ae
2
dB
max.
3.0
dB
Nominal frequency
fN
897.5
MHz
Passband
PB
fN
±
17.5
MHz
Passband variation
1.3
dB
max.
2
dB
Absolute attenuation
aabs
925
MHz
960
MHz
29
dB
min.
25
dB
Return Loss within PB
10
dB
min.
7
dB
Input power level in PB
max.
10
dBm
Operating temperature range
OTR
- 10 °C ... + 70°C
Storage temperature range
- 40 °C ... + 85°C
Temperature coefficient of frequency
TCf *)
-42
ppm/K
*) ∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz)
Generated:
Checked / Approved:


Similar Part No. - TFS897G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS897D VECTRON-TFS897D Datasheet
158Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS897G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com