Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP70SL950AH Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP70SL950AH
Description  Fast Switching Characteristic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP70SL950AH Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP70SL950AH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP70SL950AH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP70SL950AH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP70SL950AH Datasheet HTML 4Page - Advanced Power Electronics Corp. AP70SL950AH Datasheet HTML 5Page - Advanced Power Electronics Corp. AP70SL950AH Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP70SL950AH
0.37Ω
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
0.1
1
10
100
1000
10000
0
200
400
600
800
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
2
4
6
8
10
12
0
4
8
12
16
20
Q G , Total Gate Charge (nC)
I D =2.2A
V DS =480V
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.001
0.01
0.1
1
10
100
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
10us
100us
1ms
10ms
DC
Q
VG
10V
QGS
QGD
QG
Charge
Operation in this area
limited by RDS(ON)
td(on) tr
td(off) tf
VDS
VGS
10%
90%
.


Similar Part No. - AP70SL950AH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70SL950AI A-POWER-AP70SL950AI Datasheet
69Kb / 5P
   Fast Switching Characteristic
AP70SL950AJ A-POWER-AP70SL950AJ Datasheet
109Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP70SL950AJB A-POWER-AP70SL950AJB Datasheet
108Kb / 6P
   Fast Switching Characteristic
More results

Similar Description - AP70SL950AH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com