Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80724AL-AM-X Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-80724AL-AM-X
Description  HIGH-PRECISION VOLTAGE DETECTOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80724AL-AM-X Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-80724AL-AM-X Datasheet HTML 3Page - Seiko Instruments Inc S-80724AL-AM-X Datasheet HTML 4Page - Seiko Instruments Inc S-80724AL-AM-X Datasheet HTML 5Page - Seiko Instruments Inc S-80724AL-AM-X Datasheet HTML 6Page - Seiko Instruments Inc S-80724AL-AM-X Datasheet HTML 7Page - Seiko Instruments Inc S-80724AL-AM-X Datasheet HTML 8Page - Seiko Instruments Inc S-80724AL-AM-X Datasheet HTML 9Page - Seiko Instruments Inc S-80724AL-AM-X Datasheet HTML 10Page - Seiko Instruments Inc S-80724AL-AM-X Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
6
Seiko Instruments Inc.
2. Others
2.1 Low current consumption
The current consumption is half of that of a conventional voltage detection IC, so the battery service life can be
prolonged.
2.2 Wide operating voltage range
The maximum operating voltage of a conventional IC is 10 V. For the S-807 Series, the maximum detectable voltage
has been increased to 15 V.

 Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power supply voltage
VDD-VSS
18
V
Input voltage
VIN
VSS-0.3 to VDD+0.3
Output
voltage
Nch
open-drain
VOUT
VSS-0.3 to 18
CMOS
VSS-0.3 to VIN+0.3
Output current
IOUT
50
mA
Power dissipation
PD
TO-92, SOT-89-3
200
mW
SOT-23-5
150
Operating temperature
Topr
-30 to +80
°C
Storage temperature
Tstg
-40 to +125
1.4 Operating margins of power and minimum operating voltage
of CPU are close
Set the voltage so that it will be detected between the power
voltage and the minimum operating voltage of the CPU.
Thus, if two voltage points to be detected are very close, the
voltage between those two points must be detected
correctly.
The S-807 Series offers an excellent detection
voltage precision, so the voltage between narrow limits can
be detected correctly.
V
t
5 V
Min. operating
voltage of CPU
Reset voltage to be detected
Figure 7
(Unless otherwise specified : Ta=25
°C)
Caution : Keep static electricity to a minimum
.


Similar Part No. - S-80724AL-AM-X

ManufacturerPart #DatasheetDescription
logo
DONGABESTECH.
S-80 DONGABESTECH-S-80 Datasheet
784Kb / 1P
   A2F CABLE GLAND
logo
Cooper Bussmann, Inc.
S-8000 COOPER-S-8000 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   S-8000 Series
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results

Similar Description - S-80724AL-AM-X

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com