Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS400P Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS400P
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS400P Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS400P Datasheet HTML 1Page - Vectron International, Inc TFS400P Datasheet HTML 2Page - Vectron International, Inc TFS400P Datasheet HTML 3Page - Vectron International, Inc TFS400P Datasheet HTML 4Page - Vectron International, Inc TFS400P Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 400p.doc
Version 1.1
06.11.2009
Vectron International
Filter specification
TFS 400P
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Filter characteristic
355
364
373
382
391
400
409
418
427
436
445
-70
-63
-56
-49
-42
-35
-28
-21
-14
-7
0
frequency in MHz
insertion loss: -11.11 dB
390
392
394
396
398
400
402
404
406
408
410
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
390
392
394
396
398
400
402
404
406
408
410
0.282
0.33
0.378
0.426
0.474
0.522
0.57
0.618
0.666
0.714
0.762
frequency in MHz
Construction and pin connection
(All dimensions in mm)
9,1 -0,1
+0,2
1
5,08
1
0,8
1
3
6
8
Date code
3
5
1
Input
2
Input RF Return
3
Ground
4
Ground
5
Ground
6
Output
7
Output RF Return
8
Ground
9
Ground
10
Ground
TFS 400P
X45
Date code:
Year + week
X
2009
A
2010
B
2011
...
50 Ω Test circuit
C1
L1
SAW
L2
C2
2
7
6
1
3, 4, 5, 8, 10
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.


Similar Part No. - TFS400P

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS400 VECTRON-TFS400 Datasheet
53Kb / 4P
   Filter specification
TFS400A VECTRON-TFS400A Datasheet
61Kb / 4P
   Filter specification
TFS400B VECTRON-TFS400B Datasheet
50Kb / 5P
   SAW Filter Specification
TFS400C VECTRON-TFS400C Datasheet
81Kb / 5P
   SAW Filter Specification
TFS400C2 VECTRON-TFS400C2 Datasheet
80Kb / 5P
   SAW Filter Specification
More results

Similar Description - TFS400P

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com