Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS340B Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS340B
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS340B Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS340B Datasheet HTML 1Page - Vectron International, Inc TFS340B Datasheet HTML 2Page - Vectron International, Inc TFS340B Datasheet HTML 3Page - Vectron International, Inc TFS340B Datasheet HTML 4Page - Vectron International, Inc TFS340B Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 340b.doc
Version 3.0
17.06.2015
Vectron International
Filter specification
TFS 340B
1/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Measurement condition
Ambient temperature:
23
°C
Input power level*:
0
dBm
Input:
50
Output:
50
Source:
162
|| -0.5pF
Load:
162
|| -0.5pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS340B is the minimum of the passband attenuation amin. The minimum of the passband
attenuation amin is defined as the insertion loss ae. The nominal frequency fN is fixed at 340MHz without any tolerance. The values of the relative
attenuation arel are guaranteed over the whole operating temperature range. The frequency shift of the filter within the operating temperature range is
included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss @ 23°C
ae=amin
2.6
dB
max.
3.5
dB
Insertion loss in OTR
ae=amin
3.1
dB
max.
4.0
dB
Nominal frequency
fN
340.0
MHz
Pass band
PB
fN
± 10.0
MHz
Passband variation @ 23°C
2.4
dB
max.
3
dB
Relative attenuation
arel
fN
-
80.0 MHz ... fN
-
100.0 MHz
59
dB
min.
50
dB
fN
-
35.0 MHz ... fN
-
55.0 MHz
62
dB
min.
30
dB
fN
+
25.0 MHz ... fN
+
57.5 MHz
23
dB
min.
20
dB
fN
+
57.5 MHz ... fN
+
82.5 MHz
64
dB
min.
40
dB
fN
+
127.5 MHz ... fN
+
152.5 MHz
67
dB
min.
57
dB
Input power level
max.
0
dBm
Operating temperature range
OTR
-25 °C ... + 75 °C
Storage temperature range
-40 °C ... + 85 °C
Temperature coefficient of frequency
TCf **
-72
ppm/K
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions, do not hesitate to ask for an application note or contact our design team.
**) ∆fC(Hz) = TCf(ppm/K) x (T - TA) x fCTA (MHz)
Generated:
Checked / Approved:


Similar Part No. - TFS340B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS340 VECTRON-TFS340 Datasheet
71Kb / 5P
   Filter specification
More results

Similar Description - TFS340B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com