Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS280M Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS280M
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS280M Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS280M Datasheet HTML 1Page - Vectron International, Inc TFS280M Datasheet HTML 2Page - Vectron International, Inc TFS280M Datasheet HTML 3Page - Vectron International, Inc TFS280M Datasheet HTML 4Page - Vectron International, Inc TFS280M Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 280m.doc
Version 1.6
07.10.2009
Vectron International
Filter specification
TFS 280M
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
260
264
268
272
276
280
284
288
292
296
300
-70
-63
-56
-49
-42
-35
-28
-21
-14
-7
0
frequency in MHz
279
279.2
279.4
279.6
279.8
280
280.2
280.4
280.6
280.8
281
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
279
279.2
279.4
279.6
279.8
280
280.2
280.4
280.6
280.8
281
1.16
1.31
1.46
1.61
1.76
1.91
2.06
2.21
2.36
2.51
2.66
frequency in MHz
Construction and pin connection
(All dimensions in mm)
9,1 -0,1
+0,2
1
5,08
1
0,8
1
3
6
8
Date code
3
5
Date code: Year + week
X
2009
A
2010
B
2011
...
1
Input
2
Input
3
Ground
4
Ground
5
Ground
6
Output
7
Output
8
Ground
9
Ground
10
Ground
TFS 280M
X41
50 Ω Test circuit
L3
L1
L2
SAW
L4
L5
L6
2
3, 4, 5, 8, 9, 10
6
7
1
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS280M

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS280A VECTRON-TFS280A Datasheet
47Kb / 4P
   Filter Specification
TFS280F VECTRON-TFS280F Datasheet
73Kb / 5P
   Filter specification
TFS280G VECTRON-TFS280G Datasheet
76Kb / 5P
   Filter specification
TFS280G VECTRON-TFS280G Datasheet
112Kb / 5P
   Filter specification
TFS280G VECTRON-TFS280G_06 Datasheet
112Kb / 5P
   Filter specification
More results

Similar Description - TFS280M

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com