Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1072147 Datasheet(PDF) 2 Page - SICK AG

Part # 1072147
Description  RADAR SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1072147 Datasheet(HTML) 2 Page - SICK AG

  1072147 Datasheet HTML 1Page - SICK AG 1072147 Datasheet HTML 2Page - SICK AG 1072147 Datasheet HTML 3Page - SICK AG 1072147 Datasheet HTML 4Page - SICK AG 1072147 Datasheet HTML 5Page - SICK AG 1072147 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RAS407-2801101 | RAS4xx
RADAR SENSORS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-04-06 10:56:29
Subject to change without notice
Ordering information
Type
Part no.
RAS407-2801101
1072147
Other models and accessories
www.sick.com/RAS4xx
Detailed technical data
Features
Measurement principle
FMCW HF
Radio approval
China, France 1)
Frequency band
24.05 GHz
+ 200 MHz
Aperture angle
7° x 28° (cone)
Operating range
0.2 m ... 20 m
1) Fixed installation.
Performance
Response time
< 0.5 s
Integrated application
Collision avoidance
Number of field sets
3
Interfaces
USB
Function Parameterization
Switching outputs
3 (relays)
Mechanics/electronics
Electrical connection
1 x Cable open end
Operating voltage
10 V DC ... 30 V DC
Power consumption
8 W
Housing color
Gray
Enclosure rating
IP 65
Protection class
III
Weight
1,080 g
Dimensions (L x W x H)
101 mm x 151 mm x 60 mm 1)
101 mm x 151 mm x 60 mm 2)
1) Evaluation unit.
2) Sender/receiver unit.
Ambient data
Electromagnetic compatibility (EMC)
ETSI EN 301 489-1 / ETSI EN 301 489-3
Vibration resistance
EN 60068-2-6 (1995)
Shock resistance
EN 60721-3-7 (1965), EN 60068-2-32 (1965)


Similar Part No. - 1072147

ManufacturerPart #DatasheetDescription
logo
SICK AG
1072143 SICK-1072143 Datasheet
857Kb / 5P
   RADAR SENSORS
1072146 SICK-1072146 Datasheet
760Kb / 6P
   RADAR SENSORS
1072148 SICK-1072148 Datasheet
736Kb / 6P
   RADAR SENSORS
1072149 SICK-1072149 Datasheet
736Kb / 6P
   RADAR SENSORS
More results

Similar Description - 1072147

ManufacturerPart #DatasheetDescription
logo
SICK AG
RAS407-2801100 SICK-RAS407-2801100 Datasheet
760Kb / 6P
   RADAR SENSORS
RAS407-2800101 SICK-RAS407-2800101 Datasheet
764Kb / 6P
   RADAR SENSORS
RAS407-2800201 SICK-RAS407-2800201 Datasheet
736Kb / 6P
   RADAR SENSORS
RAS407-2801001 SICK-RAS407-2801001 Datasheet
857Kb / 5P
   RADAR SENSORS
RAS407-2800100 SICK-RAS407-2800100 Datasheet
764Kb / 6P
   RADAR SENSORS
RAS407-2800200 SICK-RAS407-2800200 Datasheet
736Kb / 6P
   RADAR SENSORS
logo
Analog Devices
KHPA0608 AD-KHPA0608 Datasheet
569Kb / 3P
   Commercial Radar
logo
RFbeam Microwave GmbH
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
logo
Pepperl+Fuchs Inc.
RADEC-D PF-RADEC-D Datasheet
1,017Kb / 6P
   Radar sensor
RAVE-D PF-RAVE-D Datasheet
1Mb / 7P
   Radar sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com