Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80739AL Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-80739AL
Description  HIGH-PRECISION VOLTAGE DETECTOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80739AL Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-80739AL Datasheet HTML 1Page - Seiko Instruments Inc S-80739AL Datasheet HTML 2Page - Seiko Instruments Inc S-80739AL Datasheet HTML 3Page - Seiko Instruments Inc S-80739AL Datasheet HTML 4Page - Seiko Instruments Inc S-80739AL Datasheet HTML 5Page - Seiko Instruments Inc S-80739AL Datasheet HTML 6Page - Seiko Instruments Inc S-80739AL Datasheet HTML 7Page - Seiko Instruments Inc S-80739AL Datasheet HTML 8Page - Seiko Instruments Inc S-80739AL Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Seiko Instruments Inc.
1
* S-807 Series will be summarized into S-808 Series.
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
The S-807 Series is an adjustment-free high-precision voltage detector
made using the CMOS process. The output voltage is fixed internally,
with an accuracy of
±2.4%. Two output types are available, Nch open-
drain and CMOS output (active “H” and “L”), both of which have various
product lineups. This series features much lower current consumption
and higher detection voltage accuracy than the S-805 Series. Super-
miniature package is added for the S-807 Series, the S-807XXSX
Series.
This small SOT-23-5 style package allows the designer to
shrink the size of his finished product.
Electrical specs for the S-
807XXSX Series are the same as the standard S-807 Series. Output
forms of the S-807XXSX Series are Nch open-drain and CMOS active
“L”.

 Pin Assignment

 Features
• Ultra-low current consumption
1.0
µA typ. (V
DD=4.5 V)
• High-precision detection voltage ±2.4%
• Wide operating voltage range
1.0 to 15 V
• Good hysteresis characteristics
5% typ.
• Wide operating temperature range -30°C to+80°C
• 3 output forms : Nch open-drain, CMOS output active H ,
active L
• TO-92, SOT-89-3 and SOT-23-5 package

 Applications
• Battery checker
• Battery backup for memories
• Power failure detector
• Reset for microcomputer
• Store signal detector for non-
volatile RAM
Top view
Top view
1 OUT
2 VDD
3 VSS
1 2 3
Bottom view
1
2
3
1 OUT
2 VDD
3 VSS
(1) TO-92
(2) SOT-89-3
(3) SOT-23-5
1
2
3
1 OUT
2 VDD
3 VSS
4NC
5NC
54
Figure 1


Similar Part No. - S-80739AL

ManufacturerPart #DatasheetDescription
logo
DONGABESTECH.
S-80 DONGABESTECH-S-80 Datasheet
784Kb / 1P
   A2F CABLE GLAND
logo
Cooper Bussmann, Inc.
S-8000 COOPER-S-8000 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   S-8000 Series
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results

Similar Description - S-80739AL

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com