Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP100CA Datasheet(PDF) 3 Page - Littelfuse

Part # 5KP100CA
Description  Transient Voltage Suppression Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5KP100CA Datasheet(HTML) 3 Page - Littelfuse

  5KP100CA Datasheet HTML 1Page - Littelfuse 5KP100CA Datasheet HTML 2Page - Littelfuse 5KP100CA Datasheet HTML 3Page - Littelfuse 5KP100CA Datasheet HTML 4Page - Littelfuse 5KP100CA Datasheet HTML 5Page - Littelfuse 5KP100CA Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Transient Voltage Suppression Diodes
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/20/15
Axial Leaded – 5000W > 5KP series
I-V Curve Characteristics
Voltage Transients
Time
Voltage Across TVS
Current Through TVS
Figure 1 - TVS Transients Clamping Waveform
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
1
10
100
1000
0.01
0.11
10
t
d-Pulse Width (ms)
0.001
5kW at 10x1000µs, 25°C
TJ initial =Tamb
Figure 2 - Peak Pulse Power Rating Curve
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
Vc VBR VR
IR
IT
Ipp
V
Vc
VBR
VR
Ipp
IR
IT
Bi-directional
P
PPM Peak Pulse Power Dissipation -- Max power dissipation
V
R
Stand-off Voltage -- Maximum voltage that can be applied to the TVS without operation
V
BR
Breakdown Voltage -- Maximum voltage that flows though the TVS at a specified test current (I
T)
V
C
Clamping Voltage -- Peak voltage measured across the TVS at a specified Ippm (peak impulse current)
I
R
Reverse Leakage Current -- Current measured at V
R
V
F
Forward Voltage Drop for Uni-directional
continues on next page.


Similar Part No. - 5KP100CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP100CA SURGE-5KP100CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP100CA LUGUANG-5KP100CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
CHENG-YI ELECTRONIC CO....
5KP100CA CHENG-YI-5KP100CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
5KP100CA ANOVA-5KP100CA Datasheet
503Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP100CA LUGUANG-5KP100CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP100CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com