Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K34L Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # K34L
Description  LOW VF SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

K34L Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  K34L Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd K34L Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.0
RATINGS AND CHARACTERISTIC CURVES K34L
0.01
0.001
0.01
1
0.1
10
20
0.1
1
0
20
40
60
80
100
50
10
0
20
0
40
60
80
100
1
10
100
0.2
0.4
0.6
0.8
1.0
1.6
1.4
1.2
0
25
50
75
100
125
150
175
0
3.0
4.0
1.0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. VOLTS
T, PULSE DURATION ,sec.
PERCENT OF RATED PEAK REVERSE VOLTAGE%
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
T =25
J
T =100
J
PULSE WIDTH=300 S
1% DUTY CYCLE
T =T MAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
JJ
T =25
J
10
1
10
0.1
0.1
0.1
0.01
1
1
10
10
100
100
100
1000
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T =25
f=1.0MH
J
Z
Vsig=50mVp-p
T =75
J
T =125
J
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2


Similar Part No. - K34L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
K34 YIXIN-K34 Datasheet
183Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
K34 SAMYANG-K34 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifier
logo
Goodwork Semiconductor ...
K34 GWSEMI-K34 Datasheet
209Kb / 2P
   Surface Mounted Schottky Barrier Rectifiers
logo
Omron Electronics LLC
K34-C1 OMRON-K34-C1 Datasheet
1Mb / 16P
   An Ideal Indicator for OK/NG Judgements in Automated and Picking Machines, Measuring Factors such as Pressure, Load, Torque, and Weight Using Load Cell Signal Input.
logo
VBsemi Electronics Co.,...
K3402 VBSEMI-K3402 Datasheet
977Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - K34L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045LCT JINANJINGHENG-SR1045LCT Datasheet
74Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com