Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K34L Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # K34L
Description  LOW VF SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

K34L Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  K34L Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd K34L Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
K34L
LOW VF SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 45 Volts
Forward Current - 3.0Ampere
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:250 C/10 seconds at terminals,
0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
R
SEMICONDUCT OR
MECHANICAL DATA
Case: SOD-123FL molded plastic body
Lead Finish: 100% Matte Sn (Tin)
Polarity: color band denotes cathode end
Any
Weight: 11.7 mg(approximately)
Mounting Position:
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-1
Maximum repetitive peak reverse voltage
VRRM
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
current (See Fig. 1)
Forward voltage
Typical thermal resistance
Operating junction temperature range
Storage temperature range
Leakage current
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
Volts
Volts
Volts
Volts
Amp
Amps
C/W
C
C
Unit
30
.
75 0
.
-65 to+125
-65 to+150
88.0
28.0
45
32
45
K34L
VR 40V TA 25
=, = ℃
Symbols
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
SOD-123FL
Dimensions in inches and (millimeters)
0.040(1.00 )
0.024(0.60)
0.008(0.20)
MAX
5
°
0.077(1.95 )
0.061(1.55)
0.114(2.90 )
0.098(2.50)
0.154(3.90)
0.138(3.50)
0.053(1.20)
0.037(0.95)
0.043(1.10)
0.020(0.50)
JF
Symbols
Test condition
MAX
.
Unit
TYP
.
IF 3A
=
VR 40V TA
=, =
100
042
.
032
.
80 0
.
3
037
.
045
.
400
10
IF 1A
=
A
MA


Similar Part No. - K34L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
K34 YIXIN-K34 Datasheet
183Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
K34 SAMYANG-K34 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifier
logo
Goodwork Semiconductor ...
K34 GWSEMI-K34 Datasheet
209Kb / 2P
   Surface Mounted Schottky Barrier Rectifiers
logo
Omron Electronics LLC
K34-C1 OMRON-K34-C1 Datasheet
1Mb / 16P
   An Ideal Indicator for OK/NG Judgements in Automated and Picking Machines, Measuring Factors such as Pressure, Load, Torque, and Weight Using Load Cell Signal Input.
logo
VBsemi Electronics Co.,...
K3402 VBSEMI-K3402 Datasheet
977Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - K34L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045LCT JINANJINGHENG-SR1045LCT Datasheet
74Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com