Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V13004 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE1V13004
Description  0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz With Phase Noise of -117 dBc/Hz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V13004 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE1V13004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V13004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V13004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V13004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V13004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V13004 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V13004 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Typical Performance Data
-200
-160
-120
-80
-40
0
0.1
1
10
100
1000
Offset Frequency (kHz)
Phase Noise
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
Tuning Voltage (V)
Frequency vs Tuning Voltage
PE1V13004 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to
80 MHz With Phase Noise of -117 dBc/Hz PE1V13004
Voltage Control Oscillators Technical Data Sheet
PE1V13004
0.5 inch Hermetic Surface Mount (SMT) Voltage
Controlled Oscillator (VCO) From 40 MHz to
80 MHz With Phase Noise of -117 dBc/Hz


Similar Part No. - PE1V13004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V13000 PASTERNACK-PE1V13000 Datasheet
489Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz
PE1V13000 PASTERNACK-PE1V13000_16 Datasheet
558Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to 20 MHz With Phase Noise of -120 dBc/Hz
PE1V13001 PASTERNACK-PE1V13001 Datasheet
554Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz With Phase Noise of -120 dBc/Hz
PE1V13002 PASTERNACK-PE1V13002 Datasheet
564Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz With Phase Noise of -114 dBc/Hz
PE1V13003 PASTERNACK-PE1V13003 Datasheet
558Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 30 MHz to 60 MHz, Phase Noise of -119 dBc/Hz and 0.5 inch Hermetic Package
More results

Similar Description - PE1V13004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11004 PASTERNACK-PE1V11004_16 Datasheet
977Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and 0.5 inch Package
PE1V13005 PASTERNACK-PE1V13005 Datasheet
553Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz With Phase Noise of -118 dBc/Hz
PE1V31003 PASTERNACK-PE1V31003 Datasheet
514Kb / 6P
   Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and SMA
PE1V15000 PASTERNACK-PE1V15000_16 Datasheet
977Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 305 MHz to 425 MHz, Phase Noise of -117 dBc/Hz and 0.5 inch Package
PE1V13000 PASTERNACK-PE1V13000_16 Datasheet
558Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to 20 MHz With Phase Noise of -120 dBc/Hz
PE1V13009 PASTERNACK-PE1V13009 Datasheet
576Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 100 MHz to 200 MHz With Phase Noise of -113 dBc/Hz
PE1V13001 PASTERNACK-PE1V13001 Datasheet
554Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz With Phase Noise of -120 dBc/Hz
PE1V13002 PASTERNACK-PE1V13002 Datasheet
564Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz With Phase Noise of -114 dBc/Hz
PE1V11005 PASTERNACK-PE1V11005_16 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and 0.5 inch Package
PE1V11005 PASTERNACK-PE1V11005 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and 0.5 inch Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com