Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS786 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS786
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS786 Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS786 Datasheet HTML 1Page - Vectron International, Inc TFS786 Datasheet HTML 2Page - Vectron International, Inc TFS786 Datasheet HTML 3Page - Vectron International, Inc TFS786 Datasheet HTML 4Page - Vectron International, Inc TFS786 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: TFS786.doc
Version 1.5
18.11.2015
Vectron International
Filter specification
TFS 786
3/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Stability characteristics, reliability
After the following tests the filter shall meet the whole specification:
1. Shock:
500 g, 1 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 2000 Hz, 0.35 mm or 5 g respectively, 1 octave per min, 10 cycles per
plane, 3 planes; DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125 °C / 15 min. each / 100 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: three times max.;
for temperature conditions, see page 4: "Air reflow temperature conditions"
5. ESD:
SAW devices are electrostatic discharge (ESD) sensitive devices
This filter is RoHS compliant (2011/65/EU)
Packing
Tape & Reel:
IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min. 300 mm
reel of empty components at start including leader:
min. 500 mm
trailer:
min. 300 mm
Do
D1
P2
P1
Po
Ao
Pull Off Direc tion
PIN Marker
Typ
Date Code
Ko
t
A
C
N
W 1
W 2
The minimum bending radius is 45 mm.
Tape (all dimensions in mm)
W
: 12,00 ± 0,3
Po
:
4,00 ± 0,1
Do
:
1,50 +0,1/-0
E
:
1,75 ± 0,1
F
:
5,50 ± 0,05
G(min)
:
0,75
P2
:
2,00 ± 0,05
P1
:
8,00 ± 0,1
D1(min)
:
1,50
Ao
:
4,30 ± 0,1
Bo
:
4,30 ± 0,1
Ct
:
9,5
± 0,1
Reel (all dimensions in mm)
A
: 330 or 180
W1
: 12,4
+2/-0
W2(max)
: 18,4
N(min)
: 50
C
: 13,0
+0,5/-0,2


Similar Part No. - TFS786

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS780 VECTRON-TFS780 Datasheet
73Kb / 5P
   Filter Specification
TFS781A VECTRON-TFS781A Datasheet
184Kb / 5P
   Vectron International Filter specification
TFS781B VECTRON-TFS781B Datasheet
206Kb / 5P
   Vectron International Filter specification
TFS782A VECTRON-TFS782A Datasheet
80Kb / 5P
   Vectron International Filter specification
TFS785 VECTRON-TFS785 Datasheet
178Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS786

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com