Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9973GH-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9973GH-HF
Description  Simple Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9973GH-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9973GH-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9973GH-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9973GH-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9973GH-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9973GH-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP9973GH/J-HF
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
60V
▼ Simple Drive Requirement
RDS(ON)
80mΩ
▼ Surface Mount Package
ID
14A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-c
Maximum Thermal Resistance, Junction-case
4.5
/W
Rthj-a
62.5
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
110
/W
Data and specifications subject to change without notice
Operating Junction Temperature Range
-55 to 150
201501265
Thermal Data
Parameter
1
Linear Derating Factor
0.22
Storage Temperature Range
Drain Current, VGS @ 10V
9
Pulsed Drain Current
1
40
Total Power Dissipation
27
-55 to 150
60
Gate-Source Voltage
+20
Drain Current, VGS @ 10V
14
Halogen-Free Product
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
Parameter
Rating
Drain-Source Voltage
G
D
S
G
D
S
TO-251(J)
G
D
S
TO-252(H)
AP9973 series are from Advanced Power innovated design and silicon
process technology to achieve the lowest possible on-resistance and fast
switching performance. It provides the designer with an extreme efficient
device for use in a wide range of power applications.
The TO-252 package is widely preferred for all commercial-industrial
surface mount applications using infrared reflow technique and suited for
high current application due to the low connection resistance. The
through-hole
version
(AP9973GJ)
are
available
for
low-profile
applications.


Similar Part No. - AP9973GH-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9973GH-HF A-POWER-AP9973GH-HF_14 Datasheet
104Kb / 4P
   Single Drive Requirement
More results

Similar Description - AP9973GH-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com