Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1E-ML2-DC9V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # DS1E-ML2-DC9V
Description  HIGHLY SENSITIVE 1500 V FCC SURGE WITHSTANDING MINIATURE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS1E-ML2-DC9V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  DS1E-ML2-DC9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS1E-ML2-DC9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS1E-ML2-DC9V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DS1E-ML2-DC9V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DS1E-ML2-DC9V Datasheet HTML 5Page - Nais(Matsushita Electric Works) DS1E-ML2-DC9V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS
189
DIMENSIONS
mm inch
1 Form C
Single side stable, 1 coil latching, 2 coil latching
General tolerance:
±0.3 ±.012
7.62
.300
5.6
.221
0.6
.024
5.08
.200
0.6
.024
3.4
.134
9.9
.340
9.3
.366
15
.590
5.08
.200
0.6
.024
15
.590
9.9
.390
7.62
.300
7.62
.300
PC board pattern (Copper-side view)
Single side stable, 1 coil latching
2 coil latching
Tolerance:
±0.1 ± .004
2.54
.100
7.62
.300
2.54
.100
5-0.9 dia
5-.035 dia
2.54
.100
7.62
.300
2.54
.100
6-0.9 dia
6-.035 dia
Schematic (Bottom view)
Single side stable
Deenergized condition
1 coil latching
Diagram shows the "reset" position when terminals 1
and 6 are energized.
Energize with reverse polarity to transfer contacts.
2 coil latching
Diagram shows the "reset" position when terminals 3
and 6 are energized.
Energize terminals 1 and 3 to transfer contacts.
N.O.
12
1
+
6
N.C.
10
COM
7
A polarity bar showing the relay direction
can replace the schematic.
SET
12
1
6
+
RST
10
COM
7
SET
12
SET RST
1
+
3
6
+
RST
10
COM
7
2 Form C
Single side stable, 1 coil latching, 2 coil latching
General tolerance:
±0.3 ±.012
5.08
.200
5.08
.200
0.6
.024
3.4
.134
9.9
.340
9.3
.366
20
.787
7.62
.300
9.9
.390
0.6
.024
7.62
.300
5.6
.221
5.08
.200
5.08
.200
5.08
.200 2.54
.100
0.6
.024
20
.787
PC board pattern (Copper-side view)
Single side stable, 1 coil latching
2 coil latching
Tolerance:
±0.1 ± .004
2.54
.100
7.62
.300
2.54
.100
8-0.9 dia
8-.035 dia
matching 16 pin IC socket
2.54
.100
7.62
.300
2.54
.100
10-0.9 dia
10-.035 dia
Schematic (Bottom view)
Single side stable
Deenergized condition
1 coil latching
Diagram shows the "reset" position when terminals 1
and 16 are energized.
Energize with reverse polarity to transfer contacts.
2 coil latching
Diagram shows the "reset" position when terminals 2
and 15 are energized.
Energize terminals 1 and 16 to transfer contacts.
N.O.
8
9
N.O.
13
COM
16
N.C.
6
COM
4
11
N.C.
+
1
A polarity bar showing the relay direction
can replace the schematic.
SET
8
9
SET
13
COM
16
+
RST
6
COM
4
11
RST
1
SET
8
9
SET
13
COM
15
RST
6
COM
4
11
RST
+
2
16
+
1


Similar Part No. - DS1E-ML2-DC9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DS1E-ML2-DC9V PANASONIC-DS1E-ML2-DC9V Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
More results

Similar Description - DS1E-ML2-DC9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AG252944 PANASONIC-AG252944 Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
   2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Omron Electronics LLC
G5V1 OMRON-G5V1 Datasheet
314Kb / 4P
   Ultra-miniature, Highly Sensitive SPDT Relay for Signal Circuits
logo
MERITEK ELECTRONICS COR...
CRSW MERITEK-CRSW Datasheet
605Kb / 4P
   Surge Withstanding Chip Resistor
logo
New Jersey Semi-Conduct...
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
   Highly sensitive triggering levels
X0405MF NJSEMI-X0405MF Datasheet
47Kb / 1P
   Highly sensitive triggering levels
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
   Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com