Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW2BAS56NG00L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQW2BAS56NG00L
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW2BAS56NG00L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQW2BAS56NG00L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW2BAS56NG00L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQW2BAS56NG00#
# indicates a package specification code.
< List of part numbers with package codes >
LQW2BAS56NG00L , LQW2BAS56NG00K , LQW2BAS56NG00B
Shape
L size
2.09 ±0.2mm
W size
1.53 ±0.2mm
T size
1.42 ±0.1mm
Size code in inch (mm)
0805 (2015)
Specifications
Inductance
56nH ±2%
Inductance test frequency
200MHz
Rated current (Itemp) (Based on Temperature rise)
500mA
Max. of DC resistance
0.34Ω
Q (min.)
60
Q test frequency
500MHz
Self resonance frequency (min.)
1600MHz
Operating temperature range (Self-temperature rise is not included)
-55∼125℃
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
2000
φ330mm Embossed taping
8000
Packing in bulk
500
Mass (Typ.)
1 piece
0.014g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/01/11


Similar Part No. - LQW2BAS56NG00L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW2BAS56NJ00 MURATA-LQW2BAS56NJ00 Datasheet
78Kb / 2P
   Inductor
LQW2BAS56NJ00B MURATA-LQW2BAS56NJ00B Datasheet
78Kb / 2P
   Inductor
LQW2BAS56NJ00K MURATA-LQW2BAS56NJ00K Datasheet
78Kb / 2P
   Inductor
LQW2BAS56NJ00L MURATA-LQW2BAS56NJ00L Datasheet
78Kb / 2P
   Inductor
More results

Similar Description - LQW2BAS56NG00L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com