Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


7-1462000-6 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 7-1462000-6
Description  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
2 pole telecom/signal relay
Through Hole Type (THT)
Non-polarized. non-latching 1 coil
Features
– Telecom/signal relay (dry circuit, test access, ringing)
– Slim line 20 x 10 mm, 0.795 x 0.393 inch
– Switching current 2 A
– 2 changeover contacts (2 form C / DPDT)
– Bifurcated contacts
– Meets FCC Part 68 and ITU-T K20
Typical applications
– Communications equipment
Linecard application – analog, ISDN, xDSL
PABX
Voice over IP
– Office and business equipment
– Measurement and control equipment
– Consumer electronics
– Set top boxes, HiFi
– Medical equipment
- Automotive Equipment
MT2 Relay
UL 508
File No. E 111441
IEC 61811-52:02
(QC160504)
Page 2 (9)
108-98006 Rev. C
European Directive conformance:
MT2 relay product conformance according to:
-
Directive 2000/53/EC: ELV (End of Life of Vehicles)
-
Directive 2002/95/EC: ROHS (Restrictions of the
use of certain hazardous substances in electrical and
electronic equipment)
Compliance is evidenced by written declaration from all raw
material suppliers.
Tyco Electronics AXICOM only has responsibility for the proper
processing of these materials.
Confirmation is valid for date codes ≥ 0416




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT2RELAY2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE THT NON-POLARIZED NON-LATCHING 1 COIL 1 2 3 4 5 MoreTyco Electronics
FTR-F31 POLE 3A SsLIM TYPE RELAY 1 2 3 4 5 MoreFujitsu Component Limited.
ELKECoil type EMI Filters DNF 1 2 Panasonic Semiconductor
0559-6200-00ISDN TRANSFORMERS Through Hole - Dual Package 1 Bel Fuse Inc.
TMG3D60FTMG3D60F THROUGH HOLE / ISOLATED 1 2 SanRex Corporation
SMG8C60THYRISTOR Through Hole/Non-isolated 1 2 3 SanRex Corporation
8110-11-202.079 2mm Dual Row Through Hole Vertical Headers 1 List of Unclassifed Manufacturers
2741SHIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers 1 2 Bel Fuse Inc.
OD-X8HXXXXXPrecision SC-cut OCXO in 20x20 mm Through Hole Package 1 2 3 Nel Frequency Controls,inc
LBA120DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl