Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22930AYZVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22930AYZVR
Description  Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22930AYZVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS22930AYZVR Datasheet HTML 1Page - Texas Instruments TPS22930AYZVR Datasheet HTML 2Page - Texas Instruments TPS22930AYZVR Datasheet HTML 3Page - Texas Instruments TPS22930AYZVR Datasheet HTML 4Page - Texas Instruments TPS22930AYZVR Datasheet HTML 5Page - Texas Instruments TPS22930AYZVR Datasheet HTML 6Page - Texas Instruments TPS22930AYZVR Datasheet HTML 7Page - Texas Instruments TPS22930AYZVR Datasheet HTML 8Page - Texas Instruments TPS22930AYZVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
TPS22930
www.ti.com
SLVSBL3B – NOVEMBER 2012 – REVISED FEBRUARY 2016
Product Folder Links: TPS22930
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
Unless otherwise note, the specification in the following table applies over the operating ambient temperature –40°C
≤ TA
85°C (Full). Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
IIN
Quiescent current
IOUT = 0 V, VIN = VON = 5.25 V
Full
2.3
10
µA
IOUT = 0 V, VIN = VON = 4.2 V
2.2
7
IOUT = 0 V, VIN = VON = 3.6 V
2.1
7
IOUT = 0 V, VIN = VON = 2.5 V
1.0
5
IOUT = 0 V, VIN = VON = 1.5 V
0.8
5
IIN(off)
Off supply current
VOUT = Open, VIN = 5.25 V, VON = 0 V
Full
0.3
10
µA
VOUT = Open, VIN = 4.2 V, VON = 0 V
0.2
7
VOUT = Open, VIN = 3.6 V, VON = 0 V
0.2
7
VOUT = Open, VIN = 2.5 V, VON = 0 V
0.1
5
VOUT = Open, VIN = 1.5 V, VON = 0 V
0.1
5
IIN(leak)
Leakage current
VOUT = 0 V, VIN = 5.25 V, VON = 0 V
Full
0.8
10
µA
VOUT = 0 V, VIN = 4.2 V, VON = 0 V
0.2
7
VOUT = 0 V, VIN = 3.6 V, VON = 0 V
0.2
7
VOUT = 0 V, VIN = 2.5 V, VON = 0 V
0.1
5
VOUT = 0 V, VIN = 1.5 V, VON = 0 V
0.1
5
ION
ON pin input leakage
current
VON = 5.5 V
Full
0.5
µA
IRCP(leak)
Reverse leakage current
VIN = VON = GND, VOUT = 5 V,
measured from VIN
Full
2
UVLO
Undervoltage lockout
VIN increasing, VON = 3.6 V, IOUT = –100 mA
Full
1.2
VIN decreasing, VON = 3.6 V, IOUT = –100 mA
0.5
RESISTANCE CHARACTERISTICS
RON
ON-state resistance
IOUT = –200 mA
VIN = 5.0 V
25°C
35
44
m
Ω
Full
50
VIN = 4.2 V
25°C
35
44
Full
50
VIN = 3.6 V
25°C
36
44
Full
50
VIN = 2.5 V
25°C
39
44
Full
50
VIN = 1.8 V
25°C
49
55
Full
62
VIN = 1.5 V
25°C
59
66
Full
74


Similar Part No. - TPS22930AYZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
More results

Similar Description - TPS22930AYZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com