Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5294 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2N5294
Description  Chip Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2N5294 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2N5294 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Appearance
Chip Size
1.9mm x 1.9mm
Chip Thickness
230 ± 20µm
Bonding Pad Dimension
Scribe Line Width
50µm
Top Metal
Al
Back Metal
Ti-Ni-Ag
Raper Size
4 inch
Absolute Max Ratings (Ta=25°C)
(TO-220)
Item
Symbol
Max Ratings
Unit
Note
Collector-Base Voltage
V CBO
80
V
Collector-Emitter Voltage
V CEO
70
V
Emitter-Base Voltage
V EBO
7
V
Collector Current
I C
4
mA
Collector Loss (Power Dissipation)
P C
36
W
Junction Temperature
T j
°C
Storage Temperature
T stg
-65 to +150
°C
Electrical Characteristics (Ta=25°C)
(TO-220)
Item
Symbol
Min.
Typ.
Max.
Unit
Condition
Collector-Base
B V CBO
80
-
-
V
I
C = 100 µA
Breakdown Voltage
Collector-Emitter
B V CEO
70
-
-
V
I
C = 200 mA
Breakdown Voltage
Emitter-Base
B V EBO
7
-
-
V
I
E = 100 µA
Breakdown Voltage
Collector Cut-Off Current
I CBO
-
-
-
µA
VCB = V
Emitter Cut-Off Current
I EBO
-
-
1
mA
VEB = 7V
DC Current Gain
h FE
30
-
120
-
VCE = 4 V, IC = 500mA
Collector Saturation
V CE(SAT)
-
-
1
V
IC = 500mA, IB = 50mA
Probing Spec (Ta=25°C)
No.
Mode
Limit
Condition
Min.
Max.
Unit
1
V BE
-
-
V
I B =
2
B V CEO
70
-
V
I C = 200mA
3
I CBO
-
-
µA
V CB =
V
4
I EBO
-
1
mA
V EB = 7V
5
I CEO
-
-
µA
V CE = V
6
h FE
30
120
-
V CE = 4 V, I C = 500A
7
V CE(SAT)
-
1
V
I C = 500mA, I B = 50mA
SPEC SHEET
2N5294
Emitter
555 µm x 325 µm
Base
665µm x 315µm


Similar Part No. - 2N5294

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5294 CENTRAL-2N5294 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2N5294 SAVANTIC-2N5294 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5294 JMNIC-2N5294 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5294 ISC-2N5294 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Rectron Semiconductor
2N5294 RECTRON-2N5294 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
More results

Similar Description - 2N5294

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CPT-230 CITIZEN-CPT-230 Datasheet
430Kb / 1P
   Chip Photo-transistor
CPT-290 CITIZEN-CPT-290 Datasheet
434Kb / 1P
   Chip Photo-transistor
logo
SeCoS Halbleitertechnol...
MMDT4403 SECOS-MMDT4403 Datasheet
252Kb / 2P
   Multi-Chip Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT5551 WINNERJOIN-MMDT5551_15 Datasheet
171Kb / 1P
   Multi-Chip TRANSISTOR
logo
SeCoS Halbleitertechnol...
MMDT3904 SECOS-MMDT3904 Datasheet
299Kb / 2P
   Multi-Chip Transistor
logo
CITIZEN ELECTRONICS CO....
CPT CITIZEN-CPT Datasheet
420Kb / 1P
   Chip Photo-transistor
CPT-176 CITIZEN-CPT-176 Datasheet
452Kb / 1P
   Chip Photo-transistor
logo
SeCoS Halbleitertechnol...
MMDT3906 SECOS-MMDT3906 Datasheet
240Kb / 2P
   Multi-Chip Transistor
MMDT3946 SECOS-MMDT3946 Datasheet
908Kb / 5P
   Multi-Chip Transistor
MMDT3946 SECOS-MMDT3946_15 Datasheet
1Mb / 9P
   Multi-Chip Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com