Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC24636DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 4 Page - Texas Instruments

  UCC24636DBVT Datasheet HTML 1Page - Texas Instruments UCC24636DBVT Datasheet HTML 2Page - Texas Instruments UCC24636DBVT Datasheet HTML 3Page - Texas Instruments UCC24636DBVT Datasheet HTML 4Page - Texas Instruments UCC24636DBVT Datasheet HTML 5Page - Texas Instruments UCC24636DBVT Datasheet HTML 6Page - Texas Instruments UCC24636DBVT Datasheet HTML 7Page - Texas Instruments UCC24636DBVT Datasheet HTML 8Page - Texas Instruments UCC24636DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
UCC24636
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VVDD
Bias supply voltage, VDD
–0.3
30
V
IDRV
Continuous gate current sink, DRV
50
mA
IDRV
Continuous gate current source, DRV
–50
mA
IVPC
Peak VPC pin current
–1.2
mA
VDRV
Gate drive voltage at DRV
–0.3
Self-limiting
V
VVPC, VVSC
Voltage range, VPC, VSC
–0.3
4.5
V
TJ
Operating junction temperature range
–55
150
°C
TL
Lead temperature 0.6 mm from case for 10 seconds
260
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as
±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 500-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±500 V
may actually have higher performance.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VVDD
Bias supply operating voltage
3.75
28
V
CVDD
VDD bypass capacitor
0.22
µF
TJ
Operating junction temperature
-40
125
°C
VVPC, VVSC
Operating range
–0.3
2.2
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
UCC24636
UNIT
DBV (SOT23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
180
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
71.2
°C/W
RθJB
Junction-to-board thermal resistance
44
°C/W
ψJT
Junction-to-top characterization parameter
5.1
°C/W
ψJB
Junction-to-board characterization parameter
13.8
°C/W


Similar Part No. - UCC24636DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24630 TI1-UCC24630 Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
UCC24630DBVR TI1-UCC24630DBVR Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
UCC24630DBVT TI1-UCC24630DBVT Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
UCC24630 TI-UCC24630_15 Datasheet
696Kb / 38P
[Old version datasheet]   UCC24630 Synchronous Rectifier Controller With Ultra-Low-Standby Current
More results

Similar Description - UCC24636DBVT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6210 FAIRCHILD-FAN6210_10 Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
FAN6210 FAIRCHILD-FAN6210 Datasheet
489Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller for Dual Forward Converter
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9291 EUTECH-EUP9291 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
ON Semiconductor
NCP43080 ONSEMI-NCP43080 Datasheet
453Kb / 36P
   Synchronous Rectifier Controller
November, 2015 ??Rev. P0
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
logo
Texas Instruments
UCC24630 TI1-UCC24630 Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
logo
NXP Semiconductors
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com