Electronic Components Datasheet Search |
|
PMA2-33LN Datasheet(PDF) 1 Page - Mini-Circuits |
|
PMA2-33LN Datasheet(HTML) 1 Page - Mini-Circuits |
1 / 7 page Page 1 of 7 Notes A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document. B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com Monolithic Amplifier The Big Deal • Ultra Low Noise Figure, 0.38 dB • High Gain, High IP3 • Small Size, 2 x 2 x 1mm Product Overview Mini-Circuits PMA2-33LN+ is an E-PHEMT based, ultra-low noise MMIC amplifier with a unique combina- tion of low noise and high IP3, making this amplifier ideal for sensitive, high-dynamic range receiver applica- tions. This design operates on a single 3V supply, is well matched for 50Ω systems, and comes in a tiny, low-profile package accommodating dense circuit board layouts. Feature Advantages Ultra Low Noise, 0.38 dB at 0.9 GHz Enables lower system noise figure performance. High IP3, • +34 dBm at 0.9 GHz and • +39 dBm at 3 GHz Combination of low noise and high IP3 makes this MMIC amplifier ideal for use in low noise receiver front end (RFE) as it gives the user advantages of sensitivity & two-tone IM performance at both ends of the dynamic range. Low operating voltage, 3V Achieves high IP3 using lower voltage compared to other devices of its kind. 2 x 2mm 8-lead MCLP package Tiny footprint saves space in dense layouts while providing low inductance, repeatable transitions, and excellent thermal contact to PCB. Max input power • 27 dBm (5 minutes) • 14 to +22 dBm (Continuous) Ruggedized design provides high power handling for input powers common at receiver inputs, eliminating the need for an external limiter in most cases High reliability Low signal operating current of 56 mA nominal maintains junction temperatures typi- cally below 93°C at 85°C ground lead temperature. Key Features 2mm x 2mm PMA2-33LN+ 50 Ω 0.4 to 3.0 GHz Ultra Low Noise, High IP3 |
Similar Part No. - PMA2-33LN |
|
Similar Description - PMA2-33LN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |