Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65290LMRHFT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65290LMRHFT
Description  Low-Quiescent-Current, Multi-Mode PMIC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65290LMRHFT Datasheet(HTML) 4 Page - Texas Instruments

  TPS65290LMRHFT Datasheet HTML 1Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 2Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 3Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 4Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 5Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 6Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 7Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 8Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
TPS65290
SLVSBY5C – APRIL 2013 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS65290
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
PWR_BB2
12
O
Switch-controlled supply connected to the BB output. Decouple with a 1-µF ceramic capacitor.
PWR_LDO1
7
O
Switch-controlled supply connected to the LDO output. Decouple with a ceramic capacitor.
PWR_LDO2
8
O
Switch-controlled supply connected to the LDO output. Decouple with a ceramic capacitor.
PWR_VIN
1
O
Power for system output from VIN
PWR_VMAX
3
O
Switch-controlled supply connected to VMAX. Decouple with a ceramic capacitor.
SCL/SCK
23
I
Serial-data clock (SPI and I2C)
VIN
2
I
Battery supply
VMAX
4
O
This pin shows the maximum of VIN or VBB. Decouple with a 1-µF ceramic capacitor.
VMICRO
10
O
Microcontroller supply
Thermal pad
Connect the pad to AGND, PGND and PCB GND. The thermal pad does not have electrical connections
to the IC.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
BB_VIN, LDO_IN
–0.3
7
V
BB_EN, CE, CS, MOSI/SDA, SCL/SCK, VIN
–0.3
5.5
Output voltage
BB_LX1, BB_LX2
–1
7
V
BB_OUT, PWR_BB2. PWR_VMAX
–0.3
7
INT, LDO_OUT, MISO, PWR_BB1, PWR_LDO1, PWR_LDO2, PWR_VIN,
VMAX, VMICRO
–0.3
5.5
Ground
AGND, PGND
–0.3
0.3
V
Operating junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500


Similar Part No. - TPS65290LMRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290LMRHFT TI-TPS65290LMRHFT Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
More results

Similar Description - TPS65290LMRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI-TPS65290 Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9072 RENESAS-DA9072 Datasheet
2Mb / 115P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
   Low quiescent current
June 2015 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com