Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65290BMRHFR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65290BMRHFR
Description  Low-Quiescent-Current, Multi-Mode PMIC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65290BMRHFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65290BMRHFR Datasheet HTML 3Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 4Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 5Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 6Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 7Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 8Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 9Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 10Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
TPS65290
www.ti.com
SLVSBY5C – APRIL 2013 – REVISED MARCH 2016
Product Folder Links: TPS65290
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWR_BB2
Distribution switch on-resistance from
BB_OUT pin to PWR_BB2 pin
(single P MOSFET)
VI = 3.6 V, VBB = 4.5 V, TA = 25°C
600
m
PWR_LDO1
Distribution switch on-resistance from
LDO_OUT pin to PWR_LDO1 pin
(single P MOSFET)
VI = 3.6 V, VLDO = 2.8 V, TA = 25°C
300
m
PWR_LDO2
Distribution switch on-resistance from
LDO_OUT pin to PWR_LDO2 pin
(single P MOSFET)
VI = 3.6 V, VLDO = 2.8 V, TA = 25°C
600
m
PWR_MICRO_
LDO
Distribution switch on-resistance from
LDO_OUT pin to VMICRO pin
(single P MOSFET)
VI = 3.6 V, VLDO = 2.8 V, TA = 25°C
600
m
PWR_VIN
Distribution switch on-resistance from VIN
pin to PWR_VIN pin (single P MOSFET)
VI = 3.6 V, TA = 25°C
1000
m
PWR_BB_LDO
Distribution switch-on resistance (internal
use only) from BB_OUT pin to LDO_OUT
pin (back
‑to‑back P MOSFETs)
VI = 3.6 V, VBB = 4.5 V, TA = 25°C
1000
m
RPULLDOWN
Pulldown resistance
(connection selectable by EEPROM bit)
1.2
k
LOGIC LEVEL OUTPUTS (INT, MISO)
VOL
Output level low
VMICRO = 2.2 V to 2.8 V , Iload = 1 mA
0.4
V
VOH
Output level high
VMICRO = 2.2 V to 2.8 V , Iload = 1 mA
VMICRO – 0.4
V
LOGIC LEVEL INPUT (CS, MOSI, CLK, SDA SCK)
VIH
Input high level
VMICRO = 2.2 V to 2.8 V
0.67 × VMICRO
V
VIL
Input low level
VMICRO = 2.2 V to 2.8 V
0.33 × VMICRO
V
VHYS
Input hysteresis
10
mV
RPULLUP
Pullup resistor to VMICRO
I2C mode enabled
10
k
RPULLDOWN
Pulldown resistor to GND
SPI mode enabled
100
k
THERMAL SHUTDOWN FOR BUCK-BOOST CIRCUIT
TTRIP_BB
Buck-boost thermal protection trip point
141
°C
THYST_BB
Buck-boost thermal protection hysteresis
12
°C
CENTRAL THERMAL SHUTDOWN
TTRIP_IC
Thermal protection trip point
Rising temperature
160
°C
THYST_IC
Thermal protection hysteresis
20
°C
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
tSTR_BB
Start-up time
500
µs
tSTRLDO
Start-up time, bandgap already enabled
200
µs


Similar Part No. - TPS65290BMRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290BMRHFR TI-TPS65290BMRHFR Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
More results

Similar Description - TPS65290BMRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI-TPS65290 Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9072 RENESAS-DA9072 Datasheet
2Mb / 115P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
   Low quiescent current
June 2015 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com