Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65100QPWPRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100QPWPRQ1
Description  Triple-Output LCD Supply With Linear Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65100QPWPRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65100QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
V = 3.3 V
V
= 10 V
I
= 300 mA
I
O
O
V 1
5 V/div
O
I
500 mA/div
I
500 ms/div
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
8.8
9.8
10.8
11.8
12.8
13.8
14.8
Vo1 − Output Voltage − V
Vo2 = −8 V
TA = −40°C
TA = 25°C
TA = 85°C
V = 3.3 V
V 1 = 10 V, C = 2 × 22 mF
I
O
O
V 1
100 mV/div
O
I
50 mA to 250 mA
O
100 ms/div
V = 3.3 V
V
= 10 V
VCOM C = 1 nF
I
O
I
500 ms/div
V 1
5 V/div
O
V 2
5 V/div
O
V 3
10 V/div
O
VCOM
2 V/div
I
50 mA to 250 mA
O
V 1
200 mV/div
O
V = 3.3 V
V 1 = 10 V, C = 22 mF
I
O
O
100 ms/div
250 ns/div
V = 3.3 V
V
= 10 V / 10 mA
I
O
V
10 V/div
SW
V
50 mV/div
O
I
500 mA/div
L
9
TPS65100-Q1
www.ti.com
SLVS849B – JULY 2008 – REVISED MARCH 2016
Product Folder Links: TPS65100-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Figure 7. PWM Operation At Light Load
Figure 8. Load Transient Response
Figure 9. Load Transient Response
Figure 10. Power-Up Sequencing
Figure 11. Soft Start VO1
Figure 12. VO2 Maximum Load Current


Similar Part No. - TPS65100QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100QPWPRQ1 TI1-TPS65100QPWPRQ1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results

Similar Description - TPS65100QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com