Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62480RNCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62480RNCR
Description  2-Phase Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62480RNCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62480RNCR Datasheet HTML 6Page - Texas Instruments TPS62480RNCR Datasheet HTML 7Page - Texas Instruments TPS62480RNCR Datasheet HTML 8Page - Texas Instruments TPS62480RNCR Datasheet HTML 9Page - Texas Instruments TPS62480RNCR Datasheet HTML 10Page - Texas Instruments TPS62480RNCR Datasheet HTML 11Page - Texas Instruments TPS62480RNCR Datasheet HTML 12Page - Texas Instruments TPS62480RNCR Datasheet HTML 13Page - Texas Instruments TPS62480RNCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
(
)
IN
2
PEAK
OUT
IN
OUT
OUT
)
PSM
(
SW
V
I
L
V
V
V
I
2
f
×
×
-
×
×
=
10
TPS62480
SLVSCL9A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS62480
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.8 Active Output Discharge
The VO pin, connected to the output voltage, provides an active discharge path when the device is switched off
by setting EN Low or UVLO event. In case of being activated, this discharge circuit sinks typically 120mA for
output voltages of typically 1 V and above. If VOUT is lower, the active current sink enters linear operation mode
and the discharge current decreases.
7.3.9 Undervoltage Lockout (UVLO)
The undervoltage lockout prevents misoperation of the device, if the input voltage drops below the UVLO
threshold which is set to typically 2.3 V. The converter starts operation again once the input voltage exceeds the
threshold by a hysteresis of typically 200 mV.
7.3.10 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 160°C
(typical), the device goes in thermal shutdown with a hysteresis of about 10°C. Both the power FETs are turned
off and the PG pin goes Low. Once TJ has decreased enough, the device resumes normal operation with Soft
Start.
7.4 Device Functional Modes
7.4.1 Pulse Width Modulation (PWM) Operation
The TPS62480 is based on a predictive OFF-time peak current control topology, operating with PWM in
continuous conduction mode for heavier loads. The switching frequency is typically 2.2MHz. Both the master and
follower phase regulate to the same VOUT level, each with a separate current loop, using the same peak current
set point, cycle by cycle. This provides excellent peak current balancing, independent of inductor dc resistance
matching. Since the follower phase operates with an adaptive delay to the master phase, phase shifted operation
is always obtained. If the load current decreases, the device runs with the master phase only (see Phase
Add/Shed and Current Balancing).
PWM only mode can be forced by pulling MODE pin High. If MODE is set Low, the device features an automatic
transition into Power Save Mode, entered at light loads, running in discontinuous conduction mode (DCM).
7.4.2 Power Save Mode (PSM) Operation
As the load current decreases to half the ripple current, the converter enters Power Save Mode operation. During
PSM, the converter operates with reduced switching frequency maintaining high conversion efficiency. Power
Save Mode is based on an adaptive peak current target, to keep output voltage ripple low. Since each pulse
shifts VOUT up, a pause time happens until VOUT trips the internal VOUT_Low threshold again and the next pulse
takes place.
The switching frequency in PSM (one phase operation) calculates as:
space
(1)


Similar Part No. - TPS62480RNCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400 TI-TPS62400 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS62400 TI-TPS62400 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62480RNCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
[Old version datasheet]   2 A Step-Down Converter
LP8755 TI1-LP8755_14 Datasheet
1Mb / 51P
[Old version datasheet]   Multi-Phase 6-Core Step-Down Converter
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
Semtech Corporation
SC2441 SEMTECH-SC2441 Datasheet
718Kb / 35P
   Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
   Dual, 2-Phase Step-Down Switching Controller
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com