Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62480 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62480
Description  2-Phase Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62480 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62480 Datasheet HTML 7Page - Texas Instruments TPS62480 Datasheet HTML 8Page - Texas Instruments TPS62480 Datasheet HTML 9Page - Texas Instruments TPS62480 Datasheet HTML 10Page - Texas Instruments TPS62480 Datasheet HTML 11Page - Texas Instruments TPS62480 Datasheet HTML 12Page - Texas Instruments TPS62480 Datasheet HTML 13Page - Texas Instruments TPS62480 Datasheet HTML 14Page - Texas Instruments TPS62480 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ú
û
ù
ê
ë
é
+
+
=
2
L
1
L
)
ON
(
DS
OUT
(min)
OUT
(min)
IN
DCR
//
DCR
2
R
I
V
V
]
Hz
[
f
%
100
ns
70
DC
SW
min
×
×
=
11
TPS62480
www.ti.com
SLVSCL9A – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: TPS62480
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.3 Minimum Duty Cycle and 100% Mode Operation
The minimum on-time, which is typically 70ns, normally determines a limit on the minimum operating duty cycle.
The calculation is:
space
(2)
space
However, a frequency foldback lowers the switching frequency depending on the duty cycle and ensures proper
regulation for every duty cycle.
There is no limit towards maximum duty cycle. When the input voltage becomes close to the output voltage, the
device enters automatically 100% duty cycle mode and both high-side FETs switch on as long as VOUT remains
below the regulation setpoint. In this case, the voltage drop across the high-side FETs and the inductors
determines the output voltage level. An estimate for the minimum input voltage to maintain output voltage
regulation is:
space
(3)
space
In 100% duty cycle mode, the low-side FETs are switched off. The typical quiescent current in 100% mode is
3.5 mA.
7.4.4 Phase Shifted Operation
Using an inherent benefit of the two-phase conversion, the two phases of TPS6248X run out of phase. For every
switching cycle, the second phase is not allowed to turn on its high-side FET until the master phase has reached
its peak current value. This limits the input RMS current and corresponding switching noise.
7.4.5 Phase Add/Shed and Current Balancing
When the load current is below the internal threshold, only the master phase operates. The second phase
activates, if the load current exceeds the threshold of typically 1.7 A. The second phase powers off with a
hysteresis of about 0.5 A, when the load current decreases.
Since the internal circuitry and layout matches both phase circuits, the peak currents balance with less than 15%
deviation at heavy loads. This is independent of the inductor's tolerance. However, the maximum peak current,
specified as High-Side MOSFET Current Limit in Electrical Characteristics is not exceeded at any time. A
detailed example about current balancing is given in Figure 28.
7.4.6 Current Limit and Short Circuit Protection
Each phase has a separate integrated peak current limit. The dc values are specified in the Electrical
Characteristics. While its minimum value limits the output current of the phase, the maximum number gives the
current that must be considered to flow in some operating case. At the peak current limit, the device provides its
maximum output current.
However, if the current limit situation remains for 512 consecutive switching cycles, the peak current folds back to
about 1/3 of the regular limit. This limits the output power for over current and short circuit events. The foldback
current limit is released to the normal one only if the load current has decreased as far as needed to undercut
the (foldback) peak current limit.


Similar Part No. - TPS62480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400 TI-TPS62400 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS62400 TI-TPS62400 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
[Old version datasheet]   2 A Step-Down Converter
LP8755 TI1-LP8755_14 Datasheet
1Mb / 51P
[Old version datasheet]   Multi-Phase 6-Core Step-Down Converter
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
Semtech Corporation
SC2441 SEMTECH-SC2441 Datasheet
718Kb / 35P
   Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
   Dual, 2-Phase Step-Down Switching Controller
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com