Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MERA-533 Datasheet(PDF) 3 Page - Mini-Circuits

Part # MERA-533
Description  Dual Matched MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MERA-533 Datasheet(HTML) 3 Page - Mini-Circuits

  MERA-533_15 Datasheet HTML 1Page - Mini-Circuits MERA-533_15 Datasheet HTML 2Page - Mini-Circuits MERA-533_15 Datasheet HTML 3Page - Mini-Circuits MERA-533_15 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Monolithic InGaP HBT MMIC Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
Product Marking
Recommended Application and Biasing Circuit
Suggested Layout for PCB Design: PL-165
Plastic package, exposed paddle, lead finish: tin-silver over nickel
Evaluation Board: TB-294
Additional Detailed Technical Information
Additional information is available on our web site. To access this information enter the model number on
our web site home page.
Environmental Ratings: ENV08T2
Performance data, graphs, s-parameter data set (.zip file)
Case Style: DL805
MERA-533+
MCL
533
index over pin 1
RF IN1
RF OUT1
& PADDLE
2,3,6,7
8
RF IN2
4
RF OUT2
5
1
Vcc
Vd
Vd
Vcc
RFC
(opt)
(opt)
RFC
Rbias
Rbias
A1
A2
R BIAS
Vcc
“1%” Res. Values (ohms)
for Optimum Biasing
7
33.2
8
48.7
9
63.4
10
78.7
11
95.3
12
110
13
124
14
140
15
158
16
174
17
187
18
205
19
221
20
232
Markings in addition to model number designation may appear for internal quality control purposes.
Tape & Reel: F68
Standard quantities available on reel 7” reels with 20, 50, 100, 200, 500 or 1K devices.
13” reels with 2000, 4000 devices.


Similar Part No. - MERA-533_15

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MERA-533 MINI-MERA-533 Datasheet
200Kb / 5P
   Surface Mount Dual MatchedMMIC Amplifiers
More results

Similar Description - MERA-533_15

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MERA-556 MINI-MERA-556_15 Datasheet
252Kb / 4P
   Dual Matched MMIC Amplifier
PHA-11 MINI-PHA-11 Datasheet
201Kb / 1P
   Dual Matched MMIC Amplifier
MGVA-63 MINI-MGVA-63 Datasheet
333Kb / 5P
   Dual Matched MMIC Amplifier
MERA-7433 MINI-MERA-7433_15 Datasheet
250Kb / 4P
   Dual Matched MMIC Amplifier
MGVA-82 MINI-MGVA-82 Datasheet
308Kb / 5P
   Dual Matched MMIC Amplifier
PHA-22H MINI-PHA-22H Datasheet
348Kb / 5P
   Dual Matched MMIC Amplifier
MGVA-62 MINI-MGVA-62 Datasheet
337Kb / 5P
   Dual Matched MMIC Amplifier
MPGA-105 MINI-MPGA-105 Datasheet
345Kb / 5P
   Dual Matched MMIC Amplifier
PHA-22 MINI-PHA-22 Datasheet
209Kb / 1P
   Dual Matched MMIC Amplifier
logo
List of Unclassifed Man...
MERA-7456 ETC-MERA-7456 Datasheet
213Kb / 5P
   Dual Matched MMIC Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com