Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61021DSGT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61021DSGT
Description  3-A Boost Converter with 0.5-V Ultra Low Input Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61021DSGT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61021DSGT Datasheet HTML 4Page - Texas Instruments TPS61021DSGT Datasheet HTML 5Page - Texas Instruments TPS61021DSGT Datasheet HTML 6Page - Texas Instruments TPS61021DSGT Datasheet HTML 7Page - Texas Instruments TPS61021DSGT Datasheet HTML 8Page - Texas Instruments TPS61021DSGT Datasheet HTML 9Page - Texas Instruments TPS61021DSGT Datasheet HTML 10Page - Texas Instruments TPS61021DSGT Datasheet HTML 11Page - Texas Instruments TPS61021DSGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Thermal
Shutdown
Undervoltage
Lockout
Gate Driver
PWM Control
Over Voltage
Protection &
Short Circuit
Protection
1
3
6
8
Logic
5
EA
SW
EN
FB
AGND
VOUT
VIN
VREF
2
Valley Current
Sense
9 PGND
Soft Startup
VOUT
4 VOUT
7
SW
VOUT
VIN
8
TPS61021
SLVSD21B – NOVEMBER 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS61021
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS61021 synchronous step-up converter is designed to operate from an input voltage supply range
between 0.5 V and 4.4 V with 3-A valley switch current limit. The TPS61021 typically operates at a quasi-
constant frequency pulse width modulation (PWM) at moderate to heavy load currents. The switching frequency
is 2.0 MHz when the input voltage is above 1.8 V. The switching frequency reduces down to 1.0 MHz when the
input voltage goes down from 1.8 V to 1.2 V. At light load currents, the TPS61021 converter operates in power-
save mode with pulse frequency modulation (PFM). During PWM operation, the converter uses adaptive constant
on-time valley current mode control scheme to achieve excellent line/load regulation and allows the use of a
small inductor and ceramic capacitors. Internal loop compensation simplifies the design process while minimizing
the number of external components.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Under-Voltage Lockout
The TPS61021 has a built-in under-voltage lockout (UVLO) circuit to ensure the device working properly. When
the input voltage is above the UVLO rising threshold of 0.9 V, the TPS61021 can be enabled to boost the output
voltage. After the TPS61021 starts up and the output voltage is above 1.6 V, the TPS61021 can work with the
input voltage as low as 0.5 V.


Similar Part No. - TPS61021DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61021A TI1-TPS61021A Datasheet
4Mb / 33P
[Old version datasheet]   TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61021ADSGR TI1-TPS61021ADSGR Datasheet
4Mb / 33P
[Old version datasheet]   TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61021ADSGT TI1-TPS61021ADSGT Datasheet
4Mb / 33P
[Old version datasheet]   TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
More results

Similar Description - TPS61021DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61023 TI1-TPS61023 Datasheet
1Mb / 28P
[Old version datasheet]   TPS61023 3-A Boost converter with 0.5-V ultra-low input voltage
TPS61021A TI1-TPS61021A Datasheet
4Mb / 33P
[Old version datasheet]   TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TPS61022 TI1-TPS61022 Datasheet
1Mb / 24P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TLV61070A TI-TLV61070A Datasheet
2Mb / 23P
[Old version datasheet]   TLV61070A 2.5-A Boost Converter with 0.5-V Ultra-low Input Voltage
SEPTEMBER 2022
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
LM5163-Q1 TI1-LM5163-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com