Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54821RHLT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821RHLT
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821RHLT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54821RHLT Datasheet HTML 7Page - Texas Instruments TPS54821RHLT Datasheet HTML 8Page - Texas Instruments TPS54821RHLT Datasheet HTML 9Page - Texas Instruments TPS54821RHLT Datasheet HTML 10Page - Texas Instruments TPS54821RHLT Datasheet HTML 11Page - Texas Instruments TPS54821RHLT Datasheet HTML 12Page - Texas Instruments TPS54821RHLT Datasheet HTML 13Page - Texas Instruments TPS54821RHLT Datasheet HTML 14Page - Texas Instruments TPS54821RHLT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
ERROR
AMPLIFIER
Boot
Charge
UVLO
Current
Sense
Oscillator
with PLL
Slope
Compensation
Maximum
Clamp
Voltage
Reference
Overload
Recovery
VSENSE
SS/TR
COMP
RT/CLK
PH
BOOT
VIN
GND
Thermal
Hiccup
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
Logic
Shutdown
PWRGD
EXPOSED THERMAL PAD
Power Stage
& Deadtime
Control
Logic
LS MOSFET
Current Limit
OV
Minimum Clamp
Pulse Skip
Ip
Ih
PVIN
UV
HS MOSFET
Current
Comparator
Current
Sense
Regulator
VIN
Boot
UVLO
PH
GND
PVIN
Hiccup
Shutdown
Hiccup
Shutdown
11
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Fixed Frequency PWM Control
The device uses a adjustable fixed frequency, peak current mode control. The output voltage is compared
through external resistors on the VSENSE pin to an internal voltage reference by an error amplifier which drives
the COMP pin. An internal oscillator initiates the turn on of the high-side power switch. The error amplifier output
is converted into a current reference which compares to the high-side power switch current. When the power
switch current reaches current reference generated by the COMP voltage level the high-side power switch is
turned off and the low-side power switch is turned on.
7.3.2 Continuous Current Mode Operation (CCM)
As a synchronous buck converter, the device normally works in CCM (Continuous Conduction Mode) under all
load conditions.
7.3.3 VIN and Power VIN Pins (VIN and PVIN)
The device allows for a variety of applications by using the VIN and PVIN pins together or separately. The VIN
pin voltage supplies the internal control circuits of the device. The PVIN pin voltage provides the input voltage to
the power converter system.


Similar Part No. - TPS54821RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821RHLT TI1-TPS54821RHLT Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results

Similar Description - TPS54821RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com